Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97635 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL97635
Description  SMBus 8-Channel LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97635 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL97635 Datasheet HTML 17Page - Renesas Technology Corp ISL97635 Datasheet HTML 18Page - Renesas Technology Corp ISL97635 Datasheet HTML 19Page - Renesas Technology Corp ISL97635 Datasheet HTML 20Page - Renesas Technology Corp ISL97635 Datasheet HTML 21Page - Renesas Technology Corp ISL97635 Datasheet HTML 22Page - Renesas Technology Corp ISL97635 Datasheet HTML 23Page - Renesas Technology Corp ISL97635 Datasheet HTML 24Page - Renesas Technology Corp ISL97635 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
ISL97635
FN6434 Rev.3.00
Page 21 of 28
Sep 26, 2017
• When an SMBus mode is selected, Register 0x00 reflects the
last value written to it. But, when any non-SMBus mode is
selected, Register 0x00 reflects the current brightness value
based on the current mode of operation, with the exception of
SMBus mode with DPST, where PWM_MD = 0 and
PWM_SEL = 0.
• When SMBus mode with DPST is selected, Register 0x00
reflects the last value written to it from SMBus.
• When a write to Register 0x01 (Device Control Register)
causes the backlight controller to transition to an SMBus
mode, the brightness of the BL does not change. On the other
hand, when a write to Register 0x01causes the backlight
controller to transition to a non-SMBus mode, the brightness of
the BL changes as appropriate for the new mode.
• The default value for Register 0x01 is 0x00.
Fault/Status Register (0x02)
This register has six status bits that allow monitoring of the
backlight controller’s operating state. Bit 0 is a logical “OR” of all
fault codes to simplify error detection. Not all of the bits in this
register are fault related (Bit 3 is a simple BL status indicator). The
remaining bits are reserved and return a “0” when read and ignore
the bit value when written. All of the bits in this register are read-
only, with the exception of Bit 0, which can be cleared by writing to it.
• A Read Byte cycle to Register 0x02 indicates the current BL
on/off status in BL_STAT (1 if the BL is on, 0 if the BL is off).
• A Read Byte cycles to Register 0x2 also returns FAULT as the
logical OR of THRM_SHDN, OV_CURR, 2_CH_SD, and 1_CH_SD
should these events occur.
• 1_CH_SD returns a 1 if one or more channels have faulted out.
• 2_CH_SD returns a 1 if two or more channels have faulted out.
• A fault will not be reported in the event that the BL is
commanded on and then immediately off by the system.
• When FAULT is set to 1, it will remain at 1 even if the signal
which sets it goes away. FAULT will be cleared when the
BL_CTL bit of the Device Control Register is toggled or when
written low. At that time, if the fault condition is still present or
reoccurs, FAULT will be set to 1 again. BL_STAT will not cause
FAULT to be set
.
• The controller will not indicate a fault if the VBL+ goes away,
whether or not the LEDs were on at the time of the power loss.
This can occur if there is some hang condition that causes the
user to force the system off by holding the power button down
for 4s.
• The default value for Register 0x02 is 0x00.
Identification Register (0x03)
The ID register contains 3-bit fields to denote the LED driver (always
set to 1), manufacturer and the silicon revision of the controller IC.
The bit field widths allow up to 16 vendors with up to 8 silicon
revisions each. In order to keep the number of silicon revisions low,
the revision field will not be updated unless the part will make it out
to the user’s factory. Thus, if during the engineering development
process, 3 silicon spins were needed, the next available revision ID
would be used for all 3 spins until that same ID made it to the
factory. Except Bit 7, which has to be 1, all of the bits in this register
are read-only.
• Vendor ID 9 represents Intersil Corporation.
• The default value for Register 0x03 is 0xC8.
The initial value of REV shall be 0. Subsequent values of REV will
increment by 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com