Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC55130IMZ Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HC55130IMZ
Description  Low Power UniSLIC14 Family
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC55130IMZ Datasheet(HTML) 5 Page - Renesas Technology Corp

  HC55130IMZ Datasheet HTML 1Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 2Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 3Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 4Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 5Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 6Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 7Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 8Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Electrical Specifications
TA = -40°C to 85°C, VCC = +5V 5%, VBH = -48V, VBL = -24V, PTG = Open, RP1 = RP2 = 0ZT = 120k, RLIM = 38.3k, RD = 50k, RDC_RAC = 20k,
ROH = 40k, CH = 0.1F, CDC = 4.7F, CRT/REV = 0.47F, GND = 0V, RL = 600. Unless Otherwise Specified.
(•) Symbol used to indicate the test
applies to the part. (NA) symbol used to indicate the test does not apply to the part.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
HC55120
HC55121
HC55130/1 HC55140/1 HC55142/3 HC55150/1
2-WIRE PORT
Overload Level, Off Hook
Forward and Reverse
1% THD, IDCMET 18mA
(Note 2, Figure 1)
3.2
-
-
VPEAK
Forward
Only
•
Forward
Only
•••
Overload Level, On Hook
Forward and Reverse
1% THD, IDCMET
 5mA
(Note 3, Figure 1)
1.3
-
-
VPEAK
Forward
Only
•
Forward
Only
•••
Input Impedance (Into Tip and Ring)
-
ZT/200
-
••••••
Longitudinal Impedance (Tip, Ring)
Forward and Reverse
0 < f < 100Hz (Note 4, Figure 2)
-
0
-
/Wire
Forward
Only
•
Forward
Only
•••
LONGITUDINAL CURRENT LIMIT (TIP, RING)
On-Hook, Off-Hook (Active),
RL = 736
Forward and Reverse
No False Detections, (Loop
Current), LB > 45dB (Notes 5, 6,
Figures 3A, 3B)
28
-
-
mARMS/Wire Forward
Only
•
Forward
Only
•••
FIGURE 1. OVERLOAD LEVEL (OFF HOOK, ON HOOK)
FIGURE 2. LONGITUDINAL IMPEDANCE
FIGURE 3A. LONGITUDINAL CURRENT LIMIT ON-HOOK (ACTIVE)
FIGURE 3B. LONGITUDINAL CURRENT LIMIT OFF-HOOK (ACTIVE)
TIP
VTX
RING
VRX
ERX
RL
VTR
IDCMET
EL
VT
C
0 < f < 100Hz
VR
LZT = VT/AT
LZR = VR/AR
1VRMS
300
300
TIP
RING
AT
AR
VTX
VRX
EL
368
368
A
TIP
RING
SHD
C
10
F
C
10
F
A
VTX
VRX
EL
368
368
C
A
TIP
RING
SHD
A
VTX
VRX
VTX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com