Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC55130IMZ Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HC55130IMZ
Description  Low Power UniSLIC14 Family
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC55130IMZ Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HC55130IMZ Datasheet HTML 4Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 5Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 6Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 7Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 8Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 9Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 10Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 11Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
4-WIRE TRANSMIT PORT (VTX)
Overload Level, Off Hook (IL 18mA)
Forward and Reverse
(ZL > 20k, IL 1% THD) (Note 13,
Figure 7) TA = 0°C to 85°C
TA = -40°C to 0°C
3.2
-
-
VPEAK
Forward
Only
•
Forward
Only
•••
3.0
-
-
VPEAK
Overload Level, On Hook (IL  5mA)
Forward and Reverse
(ZL > 20k, 1% THD)
(Note 14, Figure 7)
1.3
-
-
VPEAK
Forward
Only
•
Forward
Only
•••
VTX Output Offset Voltage
Forward and Reverse
EG = 0, ZL = , (Note 15, Figure 7)
-200
-
200
mV
Forward
Only
•
Forward
Only
•••
Output Impedance
(Guaranteed by Design)
0.2kHz < f < 03.4kHz
-
0.1
1
••••••
4-WIRE RECEIVE PORT (VRX)
VRX Input Impedance
(Guaranteed by Design)
0.2kHz < f < 3.4kHz
-
500
600
k
••••••
FREQUENCY RESPONSE (OFF-HOOK)
2-Wire to 4-Wire
Forward and Reverse
Relative to 0dBm at 1.0kHz, ERX = 0V
Forward
Only
•
Forward
Only
•••
0.3kHz < f < 3.4kHz
-0.15
-
0.15
dB
f = 8.0kHz (Note 16, Figure 8)
-
0.24
0.5
dB
f = 12kHz (Note 16, Figure 8)
-
0.58
1.0
dB
f = 16kHz (Note 16, Figure 8)
-
1.0
1.5
dB
4-Wire to 2-Wire
Forward and Reverse
Relative to 0dBm at 1.0kHz, EG = 0V
0.3kHz < f < 3.4kHz
-0.15
-
0.15
dB
Forward
Only
•
Forward
Only
•••
f = 8kHz (Note 17, Figure 8)
-0.5
0.24
-
dB
f = 12kHz (Note 17, Figure 8)
-1.0
0.58
-
dB
f = 16kHz (Note 17, Figure 8)
-1.5
1.0
-
dB
4-Wire to 4-Wire
Forward and Reverse
Relative to 0dBm at 1.0kHz, EG = 0V
Forward
Only
•
Forward
Only
•••
0.3kHz < f < 3.4kHz (Note 18, Figure 8) -0.15
-
0.15
dB
8kHz, 12kHz, 16kHz (Note 18, Figure 8)
-0.5
0
0.5
dB
FIGURE 8. FREQUENCY RESPONSE, INSERTION LOSS, GAIN TRACKING
AND HARMONIC DISTORTION
FIGURE 9. IDLE CHANNEL NOISE
Electrical Specifications
TA = -40°C to 85°C, VCC = +5V 5%, VBH = -48V, VBL = -24V, PTG = Open, RP1 = RP2 = 0ZT = 120k, RLIM = 38.3k, RD = 50k, RDC_RAC = 20k,
ROH = 40k, CH = 0.1F, CDC = 4.7F, CRT/REV = 0.47F, GND = 0V, RL = 600. Unless Otherwise Specified.
(•) Symbol used to indicate the test
applies to the part. (NA) symbol used to indicate the test does not apply to the part. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
HC55120
HC55121
HC55130/1 HC55140/1 HC55142/3 HC55150/1
EG
RL
600
VTR
ERX
TIP
RING
VRX
VTX
VTX
PTG
OPEN
600
VTR
RL
TIP
RING
VRX
VTX
VTX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com