Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC55130IMZ Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # HC55130IMZ
Description  Low Power UniSLIC14 Family
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC55130IMZ Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button HC55130IMZ Datasheet HTML 13Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 14Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 15Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 16Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 17Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 18Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 19Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 20Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
HC55120, HC55121, HC55130, HC55140, HC55142, HC55143, HC55150
FN4659 Rev 13.00
Page 17 of 36
June 1, 2006
example RD is calculated to be 41.6k (500/12mA). The
next closest standard value is 41.2k

The true value of ISH-, for the selected value of RD is given
by Equation 8:
For the example above, ISH- equals 7.28mA (500 x 0.6/
41.2K). Verify that the value of ISH- is above the suspected
line leakage of the application. The UniSLIC family will
provide a constant on hook voltage level for leakage currents
up to this value of line leakage.
The ROH resistor, which
is used to set the offhook
overhead voltage, is
calculated using
Equations 9 and 10.
IOH is defined as the
difference between the
ILOOP(min) and ISH-.
Substituting Equation 8
for ISH- into Equation 9 and solving for ROH defines ROH in
terms of ILOOP(min) and RD.
Equation 10 can be used to determine the actual ISH- value
resulting from the RD resistor selected. The value of RD
should be the next standard value that is lower than that
calculated. This will insure meeting the ILOOP(min)
requirement. ROH for the above example equals 39.1k

The current limit is set by a single resistor and is calculated
using Equation 11.
The maximum loop
resistance is calculated
using Equation 12. The
resistance of the
protection resistors
(2RP) is subtracted out
to obtain the maximum
loop length to meet the
required off hook
overhead voltage. If RLOOP(MAX) meets the loop length
requirements you are done. If the loop length needs to be
longer, then consider adjusting one of the following: 1) the
SHD threshold, 2) minimum loop current requirement or 3)
the on and off hook signal levels.
SLIC in the Active Mode
Figure 17 shows a simplified AC transmission model. Circuit
analysis yields the following design equations:
Substitute Equation 14 into Equation 15
Substitute Equation 16 into Equation 17
Substitute Equation 18 into Equation 19
Substituting -VTR/ZL into Equation 20 for IM and rearranging
to solve for VTR results in Equation 21
where:
VRX = The input voltage at the VRX pin.
VA = An internal node voltage that is a function of the loop
current detector and the impedance matching networks.
IX = Internal current in the SLIC that is the difference
between the input receive current and the feedback current.
IM = The AC metallic current.
RP = A protection resistor (typical 30).
ZT = An external resistor/network for matching the line
impedance.
VTX´= The tip to ring voltage at the output pins of the SLIC.
RD =
500
ISHD
------------
(EQ. 7)
ISH- =
500
RD
---------- (0.6)
(EQ. 8)
VBH
VSAT
VOH(off)
2.5V
OFF HOOK
LOOP CURRENT
ILOOP(min)
DC FEED CURVE
ISH-
IOH
OVER HEAD
ROH
500
IOH
----------
500
ILOOP(min)- ISH-
--------------------------------------------
==
(EQ. 9)
ROH =
RD500
RDILOOP(min)- 500(.6)
------------------------------------------------------------
(EQ. 10)
RLIM =
1000
ILOOP(max)
-----------------------------
(EQ. 11)
VBH
VSAT
VOH(off)
2.5V
LOOP CURRENT
ILOOP(min)
DC FEED CURVE
RLOO
P(MA
X)
RLOOP(max) =
VBH VSAT 2V VOH off

++

–
ILOOP(min)
------------------------------------------------------------------------------- -2RP
(EQ. 12)
VA = IM 2RS
1
80k
---------- 200
ZTR 2RP
–

5
(EQ. 13)
VA
IM
2
------- ZTR 2RP
–

=
(EQ. 14)
VRX
500k
------------- -
VA
500k
------------- = IX
Node Equation
(EQ. 15)
IX
VRX
500k
------------- -
IM ZTR 2RP
–

1000k
-----------------------------------------
=
(EQ. 16)
IX500k - VTX + IX500k = 0
Loop Equation
(EQ. 17)
VTX
2VRX IM ZTR 2RP
–

–
=
(EQ. 18)
VTR-IM2RP + VTX = 0
Loop Equation
(EQ. 19)
VTR
IMZTR 2VRX
–
=
(EQ. 20)
VTR 1
ZTR
ZL
-----------
+



2
– VRX
=
(EQ. 21)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com