Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC55130IMZ Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # HC55130IMZ
Description  Low Power UniSLIC14 Family
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC55130IMZ Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button HC55130IMZ Datasheet HTML 19Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 20Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 21Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 22Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 23Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 24Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 25Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 26Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
HC55120, HC55121, HC55130, HC55140, HC55142, HC55143, HC55150
FN4659 Rev 13.00
Page 23 of 36
June 1, 2006
capacitor will activate an internal latch prohibiting the ringing
of the line.
Figure 19 shows the sequence of events from ringing the
phone to ring trip. The ring relay turns on when both the
ringing code and ring sync pulse are present (A). SHD is
high at this point. When the subscriber goes off hook the
SHD pin goes low and stays low until the ringing control
code is removed (B). This prevents the SHD output from
pulsing after ring trip occurs. At the next zero current
crossing of the ring signal, ring trip occurs and the ring relay
releases the line to allow loop current to flow in the loop (C).
Operation of Line Voltage Measurement
A few of the SLICs in the UniSLIC14 family feature Line
Voltage Measurement (LVM) capability. This feature
provides a pulse on the GKD_LVM output pin that is
proportional to the loop voltage. Knowing the loop voltage
and thus the loop length, other basic cable characteristics
such as attenuation and capacitance can be inferred.
Decisions can be made about gain switching in the CODEC
to overcome line losses and verification of the 2-wire circuit
integrity.
The LVM function can only be activated in the off hook
condition in either the forward or reverse operating states. The
LVM uses the ring signal supplied to the SLIC as a timebase
generator. The loop resistance is determined by monitoring
the pulse width of the output signal on the GKD_LVM pin. The
output signal on the GKD_LVM pin is a square wave for which
the average duration of the low state is proportional to the
average voltage between the tip and ring terminals. The loop
resistance is determined by the tip to ring voltage and the
constant loop current. Reference Figure 20.
Although the logic state changes to the Test Active State
when performing this test, the SLIC is still powered up in the
active state (forward or reverse) and the subscriber is
unaware the measurement is being taken.
Polarity Reversal
Most of the SLICs in the UniSLIC14 family feature full
polarity reversal. Full polarity reversal means that the SLIC
can: transmit, determine the status of the line (on hook and
off hook) and provide “silent” polarity reversal. The value of
RSYNC_REV resistor is limited between 34.8k (10ms) and
73.2k (21ms). Reference Equation 39 to program the polarity
reversal time.
Transhybrid Balance
If a low cost CODEC is chosen that does not have a transmit
op-amp, the UniSLIC14 family of SLICs can solve this
problem without the need for an additional op-amp. The
solution is to use the Programmable Transmit Gain pin (PTG)
as an input for the receive signal (VRX). In theory, when the
PTG pin is connected to a divider network (R1 and R2
Figure 21) and the value of R1 and R2 is much less than the
internal 500k
 resistors, two things happen. First the transmit
gain from VRX to VTX is reduced by half. This is the result of
shorting out the bottom 500k
 resistor with the much smaller
external resistor. And second, the input signal from VRX is
also decreased by the voltage divider R1 and R2. Transhybrid
balance occurs when these two, equal but opposite in phase,
signals are cancelled at the input to the output buffer. The
calculation of the value of R2, once R1 is selected, is effected
by the line feed resistors. EQ. 40 can be used to calculate the
value of R2. Where : ZL= Line Impedance, ZTR = input
impedance of SLIC including the protection resistor, and
RP = protection resitors (typical 30).
FIGURE 19. RINGING SEQUENCE
OFF
ON
OFF
RELAY DRIVER
RINGING CURRENT
IN LINE
SHD OUTPUT
RINGING CODE
APPLIED
RING SYNC
PULSE
RINGING VOLTAGE
(A)
(B)
(C)
FIGURE 20. OPERATION OF THE LINE VOLTAGE
MEASUREMENT CIRCUIT
TIP
RING
DT
DR
RING
GEN
GKD_LVM
RING
GEN
FREQ
PULSE WIDTH
PROPORTIONAL TO
LOOP LENGTH
LOOP LENGTH
UniSLIC14
R2
R1
·
II500K
1.02
--------------------------
ZL + ZTR
ZL + 2ZRP
------------------------------


 R1
·
II500K
1.02
--------------------------
–
=
(EQ. 40)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com