Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7SCEC Datasheet(PDF) 23 Page - NXP Semiconductors

Part # IMX7SCEC
Description  i.MX 7Solo Family
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button IMX7SCEC Datasheet HTML 19Page - NXP Semiconductors IMX7SCEC Datasheet HTML 20Page - NXP Semiconductors IMX7SCEC Datasheet HTML 21Page - NXP Semiconductors IMX7SCEC Datasheet HTML 22Page - NXP Semiconductors IMX7SCEC Datasheet HTML 23Page - NXP Semiconductors IMX7SCEC Datasheet HTML 24Page - NXP Semiconductors IMX7SCEC Datasheet HTML 25Page - NXP Semiconductors IMX7SCEC Datasheet HTML 26Page - NXP Semiconductors IMX7SCEC Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 152 page
background image
Electrical characteristics
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 5, 07/2017
NXP Semiconductors
23
Table 10 shows on-chip LDO regulators that can supply on-chip loads.
GPIO supply
voltages
NVCC_ENET1
NVCC_EPDC1
NVCC_EPDC2
NVCC_I2C
NVCC_LCD
NVCC_SAI
NVCC_SD1
NVCC_SD2
NVCC_SD3
NVCC_SPI
NVCC_UART
1.65,
3.0
1.8,
3.3
1.95,
3.6
V—
NVCC_GPIO1
1.65
3.0
1.8,
3.3
1.95,
3.6
V
Power for GPIO1_DATA00 ~
GPIO1_DATA07
NVCC_GPIO2
1.65
3.0
1.8,
3.3
1.95,
3.6
V
Power for GPIO1_DATA08 ~
GPIO1_DATA15 and JTAG
port
Voltage rails
supplied from
internal LDO
VDDA_MIPI_1P8
1.71
1.8
1.89
V
Supplied from
VDDA_PHY_1P8
VDD_MIPI_1P0
0.95
1.0
1.050
V
Supplied from
VDDD_CAP_1P0
VDD_USB_H_1P2
1.150
1.2
1.250
V
Supplied from VDD_1P2_CAP
Temperature
sensor
accuracy
Tdelta
—
±3
—
°C
Typical accuracy over the
range –40°C to 125°C
A/D converter
VDDA_ADC1_1P8
1.71
1.8
1.89
V
—
VDDA_ADC2_1P8
1.71
1.8
1.89
V
—
Fuse power
FUSE_FSOURCE
1.710
1.8
1.890
V
Power supply for internal use
Junction
temperature,
industrial
T
J
-20
—
105
oC
See Table 1 for complete list of
junction temperature
capabilities.
1 Applying the maximum voltage results in maximum power consumption and heat generation. A voltage set point = (Vmin + the
supply tolerance) is recommended. This results in an optimized power/speed ratio. Operating a voltage of 1.2V and above will
reduce the overall lifetime of the part. For details, see
i.MX 7Dual/Solo Product Lifetime Usage (AN5334).
Table 10. On-chip LDOs1 and their on-chip loads
Voltage Source
Load
Comment
VDDD_1P0_CAP
VDD_MIPI_1P0
Connect directly (short) via board level
VDD_USB_H_1P2
VDD_USB_H_1P2
Connect directly (short) via board level
Table 9. Operating ranges(continued)
Parameter
Description
Symbol
Min
Typ
Max1
Unit
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com