Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7SCEC Datasheet(PDF) 14 Page - NXP Semiconductors

Part # IMX7SCEC
Description  i.MX 7Solo Family
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button IMX7SCEC Datasheet HTML 10Page - NXP Semiconductors IMX7SCEC Datasheet HTML 11Page - NXP Semiconductors IMX7SCEC Datasheet HTML 12Page - NXP Semiconductors IMX7SCEC Datasheet HTML 13Page - NXP Semiconductors IMX7SCEC Datasheet HTML 14Page - NXP Semiconductors IMX7SCEC Datasheet HTML 15Page - NXP Semiconductors IMX7SCEC Datasheet HTML 16Page - NXP Semiconductors IMX7SCEC Datasheet HTML 17Page - NXP Semiconductors IMX7SCEC Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 152 page
background image
Modules list
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 5, 07/2017
NXP Semiconductors
14
TZASC
Trust-Zone Address
Space Controller
Security
The TZASC (TZC-380 by ARM) provides security
address region control functions required for intended
application. It is used on the path to the DRAM
controller.
UART1
UART2
UART3
UART4
UART5
UART6
UART7
UART Interface
Connectivity
peripherals
Each of the UARTv2 modules support the following
serial data transmit/receive protocols and
configurations:
• 7- or 8-bit data words, 1 or 2 stop bits, programmable
parity (even, odd or none)
• Programmable baud rates up to 4 Mbps. This is a
higher max baud rate relative to the 1.875 MHz,
which is stated by the TIA/EIA-232-F standard.
• 32-byte FIFO on Tx and 32 half-word FIFO on Rx
supporting auto-baud
uSDHC1
uSDHC2
uSDHC3
SD/MMC and SDXC
Enhanced Multi-Media
Card / Secure Digital Host
Controller
Connectivity
peripherals
i.MX 7Solo SoC characteristics:
All the MMC/SD/SDIO controller IPs are based on the
uSDHC IP. They are designed to be:
• Fully compatible with MMC command/response sets
and Physical Layer as defined in the Multimedia
Card System Specification,
v5.0/v4.4/v4.41/v4.4/v4.3/v4.2.
• Fully compatible with SD command/response sets
and Physical Layer as defined in the SD Memory
Card Specifications v 3.0 including high-capacity
SDXC cards up to 2 TB.
• Fully compatible with SDIO command/response sets
and interrupt/Read-Wait mode as defined in the
SDIO Card Specification, Part E1, v. 3.0
All the ports support:
• 1-bit or 4-bit transfer mode specifications for SD and
SDIO cards up to UHS-I SDR104 mode (104 MB/s
max)
• 1-bit, 4-bit, or 8-bit transfer mode specifications for
MMC cards up to 200 MHz in both SDR and DDR
modes, including HS200 and HS400.
However, the SoC level integration and I/O muxing logic
restrict the functionality to the following:
• uSDHC1 and uSDHC2 are primarily intended to
serve as external slots or interfaces to on-board
SDIO devices. These ports are equipped with “Card
detection” and “Write Protection” pads and do not
support hardware reset.
• uSDHC3 is primarily intended to serve interfaces to
embedded MMC memory or interfaces to on-board
SDIO devices. These ports do not have “Card
detection” and “Write Protection” pads and do
support hardware reset.
• All ports can work with 1.8 V and 3.3 V cards. There
are two completely independent I/O power domains
for uSDHC1 and uSDHC2 in 4-bit configuration (SD
interface). uSDHC3 is placed in his own independent
power domain.
Table 2. i.MX 7Solo modules list(continued)
Block Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com