Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7SCEC Datasheet(PDF) 30 Page - NXP Semiconductors

Part # IMX7SCEC
Description  i.MX 7Solo Family
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button IMX7SCEC Datasheet HTML 26Page - NXP Semiconductors IMX7SCEC Datasheet HTML 27Page - NXP Semiconductors IMX7SCEC Datasheet HTML 28Page - NXP Semiconductors IMX7SCEC Datasheet HTML 29Page - NXP Semiconductors IMX7SCEC Datasheet HTML 30Page - NXP Semiconductors IMX7SCEC Datasheet HTML 31Page - NXP Semiconductors IMX7SCEC Datasheet HTML 32Page - NXP Semiconductors IMX7SCEC Datasheet HTML 33Page - NXP Semiconductors IMX7SCEC Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 152 page
background image
Electrical characteristics
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 5, 07/2017
NXP Semiconductors
30
needs to be applied to PMIC, it is done through the I2C/SPI interface before the processor enters a
low-power mode.
When the processor enters SUSPEND mode, it will assert the PMIC_STBY_REQ signal to PMIC. When
this signal is asserted, the processor allows the PMIC to shut off VDD_ARM externally. However, in some
application scenario, SW want to keep the data in L2 Cache to avoid performance impact on cache miss.
In this case, the VDD_ARM cannot be shut off. To support both scenarios, the PMIC should have an option
to shut off or keep VDD_ARM when it receives the PMIC_STBY_REQ. This should be configured
through I2C/SPI interface before the processor enters SUSPEND mode.
Except the VDD_ARM, the other power rails have to keep active in SUSPEND mode. Since the current
on each power rail is greatly reduced in this mode, PMIC can enter its own low power mode to get extra
power saving. For example, the PMIC can change the DCDC rails to PFM mode to reduce the power
consumption.
The power consumption in low power modes is defined in Table 15.
All the power numbers defined in Table 15 are based on typical silicon at 25°C.
Table 15. Low Power Measurements
Power rail
System IDLE
Low Power IDLE
SUSPEND
LPSR
Voltage Current Power Voltage Current Power Voltage Current Power Voltage Current Power
(V)
(mA)
(mW)
(V)
(mA)
(mW)
(V)
(mA)
(mW)
(V)
(mA)
(mW)
VDD_ARM
1.0
2.7
2.70
1.0
0.428
0.43
1.0
0.3
0.30
0.0
—
0.00
VDD_SOC
1.0
19.38
19.38
1.0
1.423
1.42
1.0
0.6
0.60
0.0
—
0.00
VDDA_1P8_IN
1.8
3.46
6.23
1.8
0.206
0.37
1.8
0.4
0.72
0.0
—
0.00
VDD_SNVS_IN
3.0
0.006
0.018
3.0
0.005
0.015
3.0
0.006
0.018
3.0
0.003
0.009
VDD_LPSR_IN
1.8
0.04
0.07
1.8
0.041
0.07
1.8
0.039
0.0702
1.8
0.04
0.07
NVCC_GPIO1/2
1.8
0.072
0.13
1.8
0.073
0.13
1.8
0.072
0.13
1.8
0.072
0.13
Total
—
—
28.53
—
—
2.45
—
—
1.84
—
—
0.21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com