Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7SCEC Datasheet(PDF) 42 Page - NXP Semiconductors

Part # IMX7SCEC
Description  i.MX 7Solo Family
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button IMX7SCEC Datasheet HTML 38Page - NXP Semiconductors IMX7SCEC Datasheet HTML 39Page - NXP Semiconductors IMX7SCEC Datasheet HTML 40Page - NXP Semiconductors IMX7SCEC Datasheet HTML 41Page - NXP Semiconductors IMX7SCEC Datasheet HTML 42Page - NXP Semiconductors IMX7SCEC Datasheet HTML 43Page - NXP Semiconductors IMX7SCEC Datasheet HTML 44Page - NXP Semiconductors IMX7SCEC Datasheet HTML 45Page - NXP Semiconductors IMX7SCEC Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 152 page
background image
Electrical characteristics
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 5, 07/2017
NXP Semiconductors
42
Table 28. Maximum input cell delay time
Cell name
Max Delay PAD
→ Y (ns)
VDD=1.65 V
T=125°C
Process=Slow
VDD=2.3 V
T=125°C
Process=Slow
VDD=3.0 V
T=125°C
Process=Slow
PBIDIRPUD_E33_33_NT_DR
0.9
1.5
1.4
Table 29. Output cell delay time for fixed load
Parameter
Simulated Cell Delay A
PAD (ns)
VDD = 1.65 V, T = 125°C
VDD = 2.3 V, T = 125°C
VDD = 3.0 V, T = 125°C
DS0 DS1 SR
Driver Type
CL=
5 pF
CL=
10 pF
CL=
40 pF
CL=
5 pF
CL=
10 pF
CL=
40 pF
CL=
5 pF
CL=
10 pF
CL=
40 pF
00
1
1
× Slow Slew
4.9
6.0
12.5
4.8
6.1
11.9
5.4
6.7
14.6
00
0
1
× Fast Slew
3.8
4.7
11.2
3.8
5.1
12.8
4.2
5.3
13.5
01
1
2
× Slow Slew
4.1
4.8
8.2
4.2
4.9
8.8
4.5
5.3
9.1
01
0
2
× Fast Slew
2.8
3.3
6.4
2.9
3.4
7.2
3.1
3.7
7.2
10
1
4
× Slow Slew
3.6
4.1
6.0
3.7
4.1
6.4
3.9
4.4
6.6
10
0
4
× Fast Slew
2.2
2.5
4.1
2.3
2.6
4.6
2.4
2.8
4.8
11
1
6
× Slow Slew
3.6
4.0
5.5
3.6
4.0
5.9
3.8
4.3
6.2
11
0
6
× Fast Slew
2.0
2.3
3.4
2.1
2.3
3.8
2.2
2.5
3.9
Table 30. Maximum frequency of operation for input
Maximum frequency (MHz)
VDD = 1.8 V, CL = 50 fF
VDD=2.5 V, CL =5 0 fF
VDD = 3.3 V, CL = 50 fF
550
400
430



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com