Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7SCEC Datasheet(PDF) 112 Page - NXP Semiconductors

Part # IMX7SCEC
Description  i.MX 7Solo Family
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC Datasheet(HTML) 112 Page - NXP Semiconductors

Back Button IMX7SCEC Datasheet HTML 108Page - NXP Semiconductors IMX7SCEC Datasheet HTML 109Page - NXP Semiconductors IMX7SCEC Datasheet HTML 110Page - NXP Semiconductors IMX7SCEC Datasheet HTML 111Page - NXP Semiconductors IMX7SCEC Datasheet HTML 112Page - NXP Semiconductors IMX7SCEC Datasheet HTML 113Page - NXP Semiconductors IMX7SCEC Datasheet HTML 114Page - NXP Semiconductors IMX7SCEC Datasheet HTML 115Page - NXP Semiconductors IMX7SCEC Datasheet HTML 116Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 152 page
background image
Electrical characteristics
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 5, 07/2017
NXP Semiconductors
112
4.11
12-Bit A/D converter (ADC)
Table 86. Recommended operating conditions for 12-bit ADC
Characteristics
Symbol
Min
Typ
Max
Unit
Supply Voltage
AVDD18
1.7
1.8
1.9
V
VDDA10
0.95
1
1.05
V
Operating Temp
TJ
–25
—
105
C
Analog Input Channel
—
—
—
16
Channel
Analog Input Range1
1 DO=111111111111 @AIN=AVDD18 & DO=000000000000 @AIN=AVSS18 (Input full-scale voltage = AVDD18)
ADC
x_INx
AGND
—
VREF
V
Main Clock Frequency
FCLK
300K
—
6M
Hz
Start of conversion clk frequency (FCLK/3)
FSOC
50K
—
1M
Hz
External Input Resistance of ADC2
2 R
IEXT = Output resistance of the ADC driver = Output resistance of signal generator + Series parasitic resistance between
signal source and ADC input (for example, PCB and bonding wire resistance and ESD protection resistance)
RIEXT
—
50
250
Ω
Table 87. DC Electrical characteristics
Specification
Symbol
Min
Typ
Max
Unit
Conditions
Resolution
—
—
12
12
Bits
—
Differential
Non-Linearity
DNL
—
± 2.0
± 2.0
LSB
PD=Low
FCLK=6MHz
FSOC=1MHz
FAIN=10kHz
Ramp wave
Integral
Non-Linearity
INL
—
± 6.0
± 6.0
LSB
Top Offset Voltage
EOT
—
±10
± 100
LSB
Bottom Offset
Voltage
EOB
—
±11
± 100
LSB
Table 88. AC Electrical characteristics
Specification
Symbol
Min
Typ
Max
Unit
Main Clock Duty Ratio
—
45
45
55
%
Analog Input Frequency CH #15-0
FAIN
DC
50k
100K
Hz
Normal Operation Current Consumption1
VDDA_ADCx_1P8
2
—0.53
1.90
mA
VDDA_1P0_CAP2
—0.02
0.10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com