Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8212WYRMZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8212WYRMZ-R7
Description  High Voltage Current Shunt Monitor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8212WYRMZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  AD8212WYRMZ-R7 Datasheet HTML 1Page - Analog Devices AD8212WYRMZ-R7 Datasheet HTML 2Page - Analog Devices AD8212WYRMZ-R7 Datasheet HTML 3Page - Analog Devices AD8212WYRMZ-R7 Datasheet HTML 4Page - Analog Devices AD8212WYRMZ-R7 Datasheet HTML 5Page - Analog Devices AD8212WYRMZ-R7 Datasheet HTML 6Page - Analog Devices AD8212WYRMZ-R7 Datasheet HTML 7Page - Analog Devices AD8212WYRMZ-R7 Datasheet HTML 8Page - Analog Devices AD8212WYRMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Data Sheet
AD8212
Rev. C | Page 3 of 13
SPECIFICATIONS
VS = 15 V, TOPR = −40°C to +125°C, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Conditions/Comments
Min
Typ
Max
Unit
SUPPLY VOLTAGE (V+)
No external pass transistor
7
65
V
With external PNP transistor1
7
>500
V
SUPPLY CURRENT2
(ISUPPLY = IOUT + IBIAS)
V+ = 7 V to 65 V
220
720
µA
High voltage operation, using external PNP
200
1500
µA
VOLTAGE OFFSET
Offset Voltage (RTI)
TA
±2
mV
Over Temperature (RTI)
TOPR
±3
mV
Offset Drift
TOPR
±10
µV/°C
INPUT
Input Impedance
Differential
2
kΩ
Common Mode (VCM)
V+ = 7 V to 65 V
5
MΩ
Voltage Range
Differential
Maximum voltage between V+ and VSENSE
500
mV
VSENSE (Pin 8) Current3
V+ = 7 V to 65 V, TOPR
100
200
nA
OUTPUT
Transconductance
1000
µA/V
Current Range (IOUT)
7 V ≤ V+ ≤ 65 V, 0 mV to 500 mV differential input
500
µA
Gain Error for TOPR
7 V ≤ V+ ≤ 65 V, with respect to 500 µA full scale
±1
%
Impedance
20
MΩ
Voltage Range
0
V+ − 5
V
REGULATOR
Nominal Value
7 V ≤ V+ ≤ 65 V
4.80
5
5.20
V
PSRR
7 V ≤ V+ ≤ 65 V
80
dB
Bias Current (IBIAS)
TOPR, 7 V ≤ V+ ≤ 65 V
185
200
µA
TOPR, high voltage operation
200
1000
µA
DYNAMIC RESPONSE
Small Signal −3 dB Bandwidth
Gain = 10
1000
kHz
Gain = 20
500
kHz
Gain = 50
100
kHz
Settling Time
Within 0.1% of the true output, gain = 20
2
µs
ALPHA PIN INPUT CURRENT
25
µA
NOISE
0.1 Hz to 10 Hz, RTI
1.1
µV p-p
Spectral Density, 1 kHz, RTI
40
nV/
√Hz
TEMPERATURE RANGE
For Specified Performance (TOPR)
−40
+125
°C
1
Range dependent on the VCE breakdown of the transistor.
2
The AD8212 supply current in normal voltage operation (V+ = 7 V to 65 V) is the bias current (IBIAS) added to output current (IOUT). Output current varies upon input
differential voltage and can range from 0 µA to 500 µA. IBIAS in this mode of operation is typically 185 µA and 200 µA maximum. For high voltage operation mode, refer
to the High Voltage Operation Using an External PNP Transistor section.
3
The current of the amplifier into VSENSE (Pin 8) increases when operating in high voltage mode. See the High Voltage Operation Using an External PNP Transistor section
for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com