Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8212WYRMZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8212WYRMZ-R7
Description  High Voltage Current Shunt Monitor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8212WYRMZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8212WYRMZ-R7 Datasheet HTML 1Page - Analog Devices AD8212WYRMZ-R7 Datasheet HTML 2Page - Analog Devices AD8212WYRMZ-R7 Datasheet HTML 3Page - Analog Devices AD8212WYRMZ-R7 Datasheet HTML 4Page - Analog Devices AD8212WYRMZ-R7 Datasheet HTML 5Page - Analog Devices AD8212WYRMZ-R7 Datasheet HTML 6Page - Analog Devices AD8212WYRMZ-R7 Datasheet HTML 7Page - Analog Devices AD8212WYRMZ-R7 Datasheet HTML 8Page - Analog Devices AD8212WYRMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
High Voltage
Current Shunt Monitor
Data Sheet
AD8212
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2007–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Adjustable gain
High common-mode voltage range
7 V to 65 V typical
7 V to >500 V with external pass transistor
Current output
Integrated 5 V series regulator
8-lead MSOP package
Operating temperature range of −40°C to +125°C
APPLICATIONS
Current shunt measurement
Motor controls
DC-to-DC converters
Power supplies
Battery monitoring
Remote sensing
FUNCTIONAL BLOCK DIAGRAM
AD8212
V+
IOUT
COM
BIAS
ALPHA
VSENSE
OUTPUT
CURRENT
COMPENSATION
BIAS
CIRCUIT
8
6
3
2
5
1
Figure 1.
GENERAL DESCRIPTION
The AD8212 is a high common-mode voltage, current shunt
monitor. It accurately amplifies a small differential input voltage
in the presence of large common-mode voltages up to 65 V
(>500 V with an external PNP transistor).
The AD8212 is ideal for current monitoring across a shunt
resistor in applications controlling loads, such as motors and
solenoids. The current output of the device is proportional to
the input differential voltage. The user can select an external
resistor to set the desired gain. The typical common-mode
voltage range of the AD8212 is 7 V to 65 V.
Another feature of the AD8212 is high voltage operation,
which is achieved by using an external high voltage breakdown
PNP transistor. In this configuration, the common-mode range
of the AD8212 is equal to the breakdown of the external PNP
transistor. Therefore, operation at several hundred volts is easily
achieved (see Figure 23).
The AD8212 features a patented output base current compensa-
tion circuit for high voltage operation mode. This ensures that
no base current is lost through the external transistor and
excellent output accuracy is maintained regardless of common-
mode voltage or temperature.


Similar Part No. - AD8212WYRMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8212WYRMZ-R71 AD-AD8212WYRMZ-R71 Datasheet
335Kb / 16P
High Voltage Current Shunt Monitor
REV. B
More results

Similar Description - AD8212WYRMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8212 AD-AD8212 Datasheet
178Kb / 8P
High Voltage Current Shunt Monitor
AD8213 AD-AD8213 Datasheet
460Kb / 16P
Dual, High Voltage Current Shunt Monitor
5/07-Revision 0
AD8212 AD-AD8212_07 Datasheet
386Kb / 16P
High Voltage Current Shunt Monitor
REV. 0
AD8211 AD-AD8211 Datasheet
332Kb / 16P
High Voltage Current Shunt Monitor
REV. 0
AD8215 AD-AD8215_11 Datasheet
234Kb / 16P
High Voltage, Current Shunt Monitor
REV. A
AD8211WYRJZ-RL AD-AD8211WYRJZ-RL Datasheet
309Kb / 16P
High Voltage Current Shunt Monitor
REV. A
AD8212WYRMZ AD-AD8212WYRMZ Datasheet
335Kb / 16P
High Voltage Current Shunt Monitor
REV. B
AD8211 AD-AD8211_15 Datasheet
309Kb / 16P
High Voltage Current Shunt Monitor
REV. A
AD8211 AD-AD8211_16 Datasheet
350Kb / 13P
High Voltage, Current Shunt Monitor
12/2016-Rev. B to Rev. C
AD8215 AD-AD8215_16 Datasheet
258Kb / 13P
High Voltage, Current Shunt Monitor
12/2016-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com