Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8212WYRMZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8212WYRMZ-R7
Description  High Voltage Current Shunt Monitor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8212WYRMZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8212WYRMZ-R7 Datasheet HTML 5Page - Analog Devices AD8212WYRMZ-R7 Datasheet HTML 6Page - Analog Devices AD8212WYRMZ-R7 Datasheet HTML 7Page - Analog Devices AD8212WYRMZ-R7 Datasheet HTML 8Page - Analog Devices AD8212WYRMZ-R7 Datasheet HTML 9Page - Analog Devices AD8212WYRMZ-R7 Datasheet HTML 10Page - Analog Devices AD8212WYRMZ-R7 Datasheet HTML 11Page - Analog Devices AD8212WYRMZ-R7 Datasheet HTML 12Page - Analog Devices AD8212WYRMZ-R7 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Data Sheet
AD8212
Rev. C | Page 11 of 13
APPLICATIONS INFORMATION
GENERAL HIGH-SIDE CURRENT SENSING
The AD8212 output is intended to drive high impedance nodes.
Therefore, if interfacing with a converter, it is recommended
that the output voltage across ROUT be buffered, so that the gain
of the AD8212 is not affected.
AD8661
V+
1
COM
2
BIAS
3
NC
4
VSENSE
8
NC
7
ALPHA
6
IOUT
5
AD8212
ILOAD
IOUT
BATTERY
RSHUNT
ADC
ROUT
NOTES
1. NC = NO CONNECT.
Figure 24. Normal Voltage Range Operation
Careful calculations must be made when choosing a gain
resistor so as not to exceed the input voltage range of the
converter. The output of the AD8212 can be as high as
(V+) − 5 V. However, the true output maximum voltage is
dependent upon the differential input voltage, and the resulting
output current across ROUT, which can be as high as 500 µA
(based on a 500 mV maximum input differential limit).
MOTOR CONTROL
The AD8212 is a practical solution for high-side current sensing
in motor control applications. In cases where the shunt resistor
is referenced to battery and the current flowing is unidirectional,
as shown in Figure 25, the AD8212 monitors the current with
no additional supply pin necessary.
ROUT
MOTOR
V+
1
COM
2
BIAS
3
NC
4
VSENSE
8
NC
7
ALPHA
6
IOUT
5
AD8212
IMOTOR
VOUT
BATTERY
NOTES
1. NC = NO CONNECT.
Figure 25. High-Side Current Sensing for Motor Control
500 V CURRENT MONITOR
As noted in the High Voltage Operation Using an External PNP
Transistor section, the AD8212 common-mode voltage range is
extended by using an external PNP transistor. This mode of
operation is achievable with many amplifiers featuring a current
output. However, typically an external Zener regulator must be
added, along with a FET device, to withstand the common-mode
voltage and maintain output current accuracy.
The AD8212 features an integrated regulator (which acts as a
Zener regulator). It offers output current compensation that
allows the user to maintain excellent output current accuracy
by using any PNP transistor. Reliability is increased due to
lower component count. Most importantly, the output current
accuracy is high, allowing the user to choose an inexpensive
PNP transistor to withstand the increased common-mode
voltage.
V+
1
COM
2
BIAS
3
NC
4
VSENSE 8
NC
7
ALPHA
6
IOUT 5
AD8212
ILOAD
500V
RSHUNT
ROUT
500kΩ
VOUT
NOTES
1. TRANSISTOR VCE BREAKDOWN
VOLTAGE MUST BE 500V.
2. NC = NO CONNECT.
Figure 26. High Voltage Operation Using External PNP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com