Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8212WYRMZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8212WYRMZ-R7
Description  High Voltage Current Shunt Monitor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8212WYRMZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD8212WYRMZ-R7 Datasheet HTML 1Page - Analog Devices AD8212WYRMZ-R7 Datasheet HTML 2Page - Analog Devices AD8212WYRMZ-R7 Datasheet HTML 3Page - Analog Devices AD8212WYRMZ-R7 Datasheet HTML 4Page - Analog Devices AD8212WYRMZ-R7 Datasheet HTML 5Page - Analog Devices AD8212WYRMZ-R7 Datasheet HTML 6Page - Analog Devices AD8212WYRMZ-R7 Datasheet HTML 7Page - Analog Devices AD8212WYRMZ-R7 Datasheet HTML 8Page - Analog Devices AD8212WYRMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Data Sheet
AD8212
Rev. C | Page 5 of 13
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
V+ 1
COM 2
BIAS 3
NC 4
VSENSE
8
NC
7
ALPHA
6
IOUT
5
NC = NO CONNECT
AD8212
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
1
2
3
8
6
5
Figure 3. Metallization Diagram
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
X Coordinate
Y Coordinate
Description
1
V+
−393
+219
Supply Voltage (Inverting Amplifier Input).
2
COM
−392
+67
Regulator Low Side.
3
BIAS
−392
−145
Bias Circuit Low Side.
4
NC
No Connect.
5
IOUT
+386
−82
Output Current.
6
ALPHA
+386
+23
Current Compensation Circuit Input.
7
NC
+386
+118
No Connect.
8
VSENSE
+386
+210
Noninverting Amplifier Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com