Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8270ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8270ACPZ-R7
Description  Precision Dual-Channel Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8270ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD8270ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
AD8270
Rev. A | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Supply Voltage
±18 V
Output Short-Circuit Current
See derating
curve in Figure 2
Input Voltage Range
±VS
Storage Temperature Range
−65°C to +130°C
Specified Temperature Range
−40°C to +85°C
Package Glass Transition Temperature (TG)
130°C
ESD
Human Body Model
1 kV
Charge Device Model
1 kV
Machine Model
0.1 kV
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Table 5. Thermal Resistance
Thermal Pad
θJA
Unit
16-Lead LFCSP with Thermal Pad
Soldered to Board
57
°C/W
16-Lead LFCSP with Thermal Pad
Not Soldered to Board
96
°C/W
The θJA values in Table 5 assume a 4-layer JEDEC standard
board with zero airflow. If the thermal pad is soldered to the
board, it is also assumed it is connected to a plane. θJC at the
exposed pad is 9.7°C/W.
MAXIMUM POWER DISSIPATION
The maximum safe power dissipation for the AD8270 is limited
by the associated rise in junction temperature (TJ) on the die. At
approximately 130°C, which is the glass transition temperature,
the plastic changes its properties. Even temporarily exceeding this
temperature limit may change the stresses that the package exerts
on the die, permanently shifting the parametric performance of the
amplifiers. Exceeding a temperature of 130°C for an extended
period of time can result in a loss of functionality.
The AD8270 has built-in, short-circuit protection that limits the
output current to approximately 100 mA (see Figure 19 for more
information). While the short-circuit condition itself does not
damage the device, the heat generated by the condition can cause
the device to exceed its maximum junction temperature, with
corresponding negative effects on reliability.
3.2
2.8
2.4
2.0
1.6
1.2
0.8
0.4
0
–50
–25
0
25
50
75
100
125
AMBIENT TEMPERATURE (°C)
PAD SOLDERED
θJA = 57°C/W
PAD NOT SOLDERED
θJA = 96°C/W
TJ MAXIMUM = 130°C
Figure 2. Maximum Power Dissipation vs. Ambient Temperature
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com