Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8270ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8270ACPZ-R7
Description  Precision Dual-Channel Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8270ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8270ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8270
Data Sheet
Rev. A | Page 10 of 20
1µs/DIV
0pF 18pF
100pF
VS = ±15V
Figure 22. Small Signal Step Response, Gain = 0.5
1µs/DIV
0pF
33pF
220pF
VS = ±15V
Figure 23. Small Signal Step Response, Gain = 1
1µs/DIV
0pF 100pF
470pF
VS = ±15V
Figure 24. Small Signal Step Response, Gain = 2
160
140
120
100
80
60
40
20
0
0
102030
40
50
60
70
80
90
100
CAPACITIVE LOAD (pF)
VS = ±15V
VS = ±18V
VS = ±10V
VS = ±5V
VS = ±2.5V
Figure 25. Small Signal Overshoot with Capacitive Load, Gain = 0.5
80
70
60
50
40
30
20
10
0
0
50
100
150
200
CAPACITIVE LOAD (pF)
VS = ±15V
VS = ±18V
VS = ±10V
VS = ±5V
VS = ±2.5V
Figure 26. Small Signal Overshoot with Capacitive Load, Gain = 1
80
70
60
50
40
30
20
10
0
250
300
350
400
450
0
50
100
150
200
CAPACITIVE LOAD (pF)
VS = ±15V
VS = ±18V
VS = ±10V
VS = ±5V
VS = ±2.5V
Figure 27. Small Signal Overshoot with Capacitive Load, Gain = 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com