Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8270ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8270ACPZ-R7
Description  Precision Dual-Channel Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8270ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8270ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
AD8270
Rev. A | Page 9 of 20
10
5
0
–5
–10
–15
–20
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
GAIN = 0.5
GAIN = 1
GAIN = 2
Figure 16. Gain vs. Frequency
100
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
GAIN = 2, 0.5
GAIN = 1
Figure 17. CMRR vs. Frequency
0
–20
–40
–60
–80
–100
–120
–140
10
100
1k
10k
100k
FREQUENCY (Hz)
CROSSTALK (G = 1)
Figure 18. Channel Separation vs. Frequency
120
100
80
60
40
20
0
–20
–40
–60
–80
–100
–120
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
ISHORT+
ISHORT–
Figure 19. Short-Circuit Current vs. Temperature
+VS
+VS – 2
+VS – 4
0
–VS + 2
–VS + 4
–VS
1k
200
10k
RLOAD (Ω)
+85°C
+125°C
+25°C
+25°C
–40°C
–40°C
+85°C
+125°C
Figure 20. Output Voltage Swing vs. RLOAD
0
2040
6080
100
–VS + 3
–VS
–VS + 6
+VS – 6
0
+VS
+VS – 3
–40°C
–40°C
+85°C
+125°C
+25°C
+25°C
CURRENT (mA)
+85°C
+125°C
Figure 21. Output Voltage Swing vs. Current (IOUT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com