Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8270ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8270ACPZ-R7
Description  Precision Dual-Channel Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8270ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8270ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8270ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD8270
Data Sheet
Rev. A | Page 14 of 20
INPUT VOLTAGE RANGE
The AD8270 has a true rail-to-rail input range for the majority
of applications. Because most AD8270 configurations divide down
the voltage before they reach the internal op amp, the op amp sees
only a fraction of the input voltage. Figure 41 shows an example
of how the voltage division works in the difference amplifier
configuration.
R4
R3
R1
R2
R2
R1 + R2
(V+IN)
R2
R1 + R2
(V+IN)
Figure 41. Voltage Division in the Difference Amplifier Configuration
The internal op amp voltage range may be relevant in the
following applications, and calculating the voltage at the
internal op amp is advised.
Difference amplifier configurations using supply voltages
of less than ±4.5 V
Difference amplifier configurations with a reference
voltage near the rail
Single-ended amplifier configurations
For correct operation, the input voltages at the internal op amp
must stay within 1.5 V of either supply rail.
Voltages beyond the supply rails should not be applied to the
device. The device contains ESD diodes at the input pins, which
conduct if voltages beyond the rails are applied. Currents greater
than 5 mA can damage these diodes and the device. For a similar
device that can operate with voltages beyond the rails, see the
AD8273 data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com