Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8317 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8317
Description  Log Detector/Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8317 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8317_17 Datasheet HTML 5Page - Analog Devices AD8317_17 Datasheet HTML 6Page - Analog Devices AD8317_17 Datasheet HTML 7Page - Analog Devices AD8317_17 Datasheet HTML 8Page - Analog Devices AD8317_17 Datasheet HTML 9Page - Analog Devices AD8317_17 Datasheet HTML 10Page - Analog Devices AD8317_17 Datasheet HTML 11Page - Analog Devices AD8317_17 Datasheet HTML 12Page - Analog Devices AD8317_17 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Data Sheet
AD8317
Rev. C | Page 9 of 19
0
j2
j1
–j1
–j2
j0.5
–j0.5
j0.2
–j0.2
0.2
0.5
1
2
8000MHz
10000MHz
5800MHz
3600MHz
2200MHz
1900MHz
900MHz
100MHz
START FREQUENCY = 0.05GHz
STOP FREQUENCY = 10GHz
Figure 15. Input Impedance vs. Frequency; No Termination Resistor on INHI
(Impedance De-Embedded to Input Pins), Z0 = 50 Ω
A Ch3
620mV
3
Ch3 500mV Ch4 200mV
M4.00µs
T
12.7560µs
4
∆ : 1.86V
@ : 1.69V
Figure 16. Power-On/Power-Off Response Time; VPOS = 3.0 V;
Input AC-Coupling Capacitors = 10 pF; CLPF = Open
CH1 200mV
M20.0ns
A CH1
1.40V
T
943.600ns
CH1 RISE
10.44ns
CH1 FALL
6.113ns
Figure 17. VOUT Pulse Response Time; Pulsed RF Input 0.1 GHz, −10 dBm;
CLPF = Open; RLOAD = 150 Ω
1k
10k
100k
1M
10
100
1000
10000
10M
–20dBm
0dBm
–60dBm
RF OFF
–40dBm
FREQUENCY (Hz)
–10dBm
Figure 18. Noise Spectral Density of Output; CLPF = Open
1k
10k
100k
1M
10
100
1000
10000
10M
FREQUENCY (Hz)
Figure 19. Noise Spectral Density of Output Buffer (from CLPF to VOUT);
CLPF = 0.1 μF
0
0.25
0.50
1.00
1.25
1.50
1.75
2.00
0.75
–2.0
–1.5
0
0.5
1.0
1.5
2.0
–0.5
–1.0
–55
–45
–35
–25
–15
–5
5
15
PIN (dBm)
–65
3.3V
3.0V
3.6V
Figure 20. Output Voltage Stability vs. Supply Voltage at 1.9 GHz
When VPOS Varies by 10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com