Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8317 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8317
Description  Log Detector/Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8317 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8317_17 Datasheet HTML 6Page - Analog Devices AD8317_17 Datasheet HTML 7Page - Analog Devices AD8317_17 Datasheet HTML 8Page - Analog Devices AD8317_17 Datasheet HTML 9Page - Analog Devices AD8317_17 Datasheet HTML 10Page - Analog Devices AD8317_17 Datasheet HTML 11Page - Analog Devices AD8317_17 Datasheet HTML 12Page - Analog Devices AD8317_17 Datasheet HTML 13Page - Analog Devices AD8317_17 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
AD8317
Data Sheet
Rev. C | Page 10 of 19
THEORY OF OPERATION
The AD8317 is a 6-stage demodulating logarithmic amplifier,
specifically designed for use in RF measurement and power
control applications at frequencies up to 10 GHz. A block
diagram is shown in Figure 21. Sharing much of its design
with the AD8318 logarithmic detector/controller, the AD8317
maintains tight intercept variability vs. temperature over a 50 dB
range. Additional enhancements over the AD8318, such as a
reduced RF burst response time of 6 ns to 10 ns, 22 mA supply
current, and board space requirements of only 2 mm × 3 mm,
add to the low cost and high performance benefits of the AD8317.
GAIN
BIAS
SLOPE
DET
DET
DET
DET
INHI
INLO
IV
VOUT
VSET
CLPF
TADJ
VPOS
COMM
IV
Figure 21. Block Diagram
A fully differential design, using a proprietary, high speed SiGe
process, extends high frequency performance. Input INHI receives
the signal with a low frequency impedance of nominally 500 Ω
in parallel with 0.7 pF. The maximum input with ±1 dB log-
conformance error is typically 0 dBm (referenced to 50 Ω). The
noise spectral density referred to the input is 1.15 nV/Hz,
which is equivalent to a voltage of 118 μV rms in a 10.5 GHz
bandwidth or a noise power of −66 dBm (referenced to 50 Ω).
This noise spectral density sets the lower limit of the dynamic
range. However, the low end accuracy of the AD8317 is
enhanced by specially shaping the demodulating transfer
characteristic to partially compensate for errors due to internal
noise. The common pin, COMM, provides a quality low
impedance connection to the printed circuit board (PCB)
ground. The package paddle, which is internally connected to the
COMM pin, must also be grounded to the PCB to reduce thermal
impedance from the die to the PCB.
The logarithmic function is approximated in a piecewise fashion
by six cascaded gain stages. (For a more comprehensive expla-
nation of the logarithm approximation, see the AD8307 data
sheet.) The cells have a nominal voltage gain of 9 dB each and a
3 dB bandwidth of 10.5 GHz. Using precision biasing, the gain
is stabilized over temperature and supply variations. The overall
dc gain is high, due to the cascaded nature of the gain stages. An
offset compensation loop is included to correct for offsets
within the cascaded cells. At the output of each of the gain
stages, a square-law detector cell is used to rectify the signal.
The RF signal voltages are converted to a fluctuating differential
current having an average value that increases with signal level.
Along with the six gain stages and detector cells, an additional
detector is included at the input of the AD8317, providing a
50 dB dynamic range in total. After the detector currents are
summed and filtered, the following function is formed at the
summing node:
ID × log10(VIN/VINTERCEPT)
(1)
where:
ID is the internally set detector current.
VIN is the input signal voltage.
VINTERCEPT is the intercept voltage (that is, when VIN = VINTERCEPT,
the output voltage would be 0 V, if it were capable of going to 0 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com