Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8317 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8317
Description  Log Detector/Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8317 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8317_17 Datasheet HTML 8Page - Analog Devices AD8317_17 Datasheet HTML 9Page - Analog Devices AD8317_17 Datasheet HTML 10Page - Analog Devices AD8317_17 Datasheet HTML 11Page - Analog Devices AD8317_17 Datasheet HTML 12Page - Analog Devices AD8317_17 Datasheet HTML 13Page - Analog Devices AD8317_17 Datasheet HTML 14Page - Analog Devices AD8317_17 Datasheet HTML 15Page - Analog Devices AD8317_17 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
AD8317
Data Sheet
Rev. C | Page 12 of 19
The slope is given by
−ID × 2x × 1.5 kΩ = −22 mV/dB × x
For example, if a resistor divider to ground is used to generate a
VSET voltage of VOUT/2, x = 2. The slope is set to −880 V/decade
or −44 mV/dB.
TEMPERATURE COMPENSATION OF OUTPUT
VOLTAGE
The primary component of the variation in VOUT vs. temperature,
as the input signal amplitude is held constant, is the drift of the
intercept. This drift is also a weak function of the input signal
frequency; therefore, provision is made for the optimization of
internal temperature compensation at a given frequency by
providing Pin TADJ.
COMM
COMM
ICOMP
VINTERNAL
TADJ
RTADJ
1.5k
AD8317
Figure 26. TADJ Interface
RTADJ is connected between TADJ and ground. The value of
this resistor partially determines the magnitude of an analog
correction coefficient, which is used to reduce intercept drift.
The relationship between output temperature drift and
frequency is not linear and cannot be easily modeled. As a
result, experimentation is required to choose the correct
TADJ resistor. Table 4 shows the recommended values for
some commonly used frequencies.
Table 4. Recommended RTADJ Values
Frequency
Recommended RTADJ
50 MHz
18 kΩ
100 MHz
18 kΩ
900 MHz
18 kΩ
1.8 GHz
8 kΩ
1.9 GHz
8 kΩ
2.2 GHz
8 kΩ
3.6 GHz
8 kΩ
5.3 GHZ
500 Ω
5.8 GHz
500 Ω
8 GHz
Open
MEASUREMENT MODE
When the VOUT voltage or a portion of the VOUT voltage is fed
back to the VSET pin, the device operates in measurement
mode. As seen in Figure 27, the AD8317 has an offset voltage,
a negative slope, and a VOUT measurement intercept at the high
end of its input signal range.
0
0.25
0.50
0.75
1.00
1.25
1.50
2.00
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
–60 –55 –50 –45 –40 –35 –30 –25 –20 –15 –10 –5
0
5
10 15
PIN (dBm)
RANGE FOR
CALCULATION OF
SLOPE AND INTERCEPT
VOUT IDEAL
VOUT 25°C
ERROR 25°C
1.75
INTERCEPT
Figure 27. Typical Output Voltage vs. Input Signal
The output voltage vs. input signal voltage of the AD8317 is
linear-in-dB over a multidecade range. The equation for this
function is
VOUT = X × VSLOPE/DEC × log10(VIN/VINTERCEPT)
(3)
= X × VSLOPE/dB × 20 × log10(VIN/VINTERCEPT)
(4)
where:
X is the feedback factor in VSET = VOUT/X.
VSLOPE/DEC is nominally −440 mV/decade, or −22 mV/dB.
VINTERCEPT is the x-axis intercept of the linear-in-dB portion of
the VOUT vs. PIN curve (see Figure 27).
VINTERCEPT is 2 dBV for a sinusoidal input signal.
An offset voltage, VOFFSET, of 0.35 V is internally added to
the detector signal, so that the minimum value for VOUT is
X × VOFFSET; therefore, for X = 1, the minimum VOUT is 0.35 V.
The slope is very stable vs. process and temperature variation.
When base-10 logarithms are used, VSLOPE/DECADE represents the
volts/decade. A decade corresponds to 20 dB; VSLOPE/DECADE/20 =
VSLOPE/dB represents the slope in volts/dB.
As noted in Equation 3 and Equation 4, the VOUT voltage has a
negative slope. This is also the correct slope polarity to control
the gain of many power amplifiers in a negative feedback con-
figuration. Because both the slope and intercept vary slightly
with frequency, it is recommended to refer to the Specifications
section for application-specific values for slope and intercept.
Although demodulating log amps respond to input signal
voltage, not input signal power, it is customary to discuss the
amplitude of high frequency signals in terms of power. In this
case, the characteristic impedance of the system, Z0, must be
known to convert voltages to their corresponding power levels.
The following equations are used to perform this conversion:
P [dBm] = 10 × log10(VRMS2/(Z0 × 1 mW))
(5)
P [dBV] = 20 × log10(VRMS/1 VRMS)
(6)
P [dBm] = P [dBV] − 10 × log10(Z0 × 1 mW/1 VRMS2)
(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com