Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8317 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8317
Description  Log Detector/Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8317 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8317_17 Datasheet HTML 11Page - Analog Devices AD8317_17 Datasheet HTML 12Page - Analog Devices AD8317_17 Datasheet HTML 13Page - Analog Devices AD8317_17 Datasheet HTML 14Page - Analog Devices AD8317_17 Datasheet HTML 15Page - Analog Devices AD8317_17 Datasheet HTML 16Page - Analog Devices AD8317_17 Datasheet HTML 17Page - Analog Devices AD8317_17 Datasheet HTML 18Page - Analog Devices AD8317_17 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
Data Sheet
AD8317
Rev. C | Page 19 of 19
OUTLINE DIMENSIONS
SEATING
PLANE
0.30
0.23
0.18
0.203 REF
0.80
0.75
0.70
1.89
1.74
1.59
0.50 BSC
0.20 MIN
0.60
0.45
0.30
0.55
0.40
0.30
BOTTOM VIEW
4
1
5
8
3.25
3.00
2.75
2.25
2.00
1.75
TOP VIEW
0.05 MAX
0.02 NOM
EXPOSED PAD
PIN 1 INDEX
AREA
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET
PIN 1
INDIC ATOR AREA OPTIONS
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
Figure 40. 8-Lead Lead Frame Chip Scale Package [LFCSP]
2 mm × 3 mm Body and 0.75 mm Package Height
(CP-8-23)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Branding
AD8317ACPZ-R7
−40°C to +85°C
8-Lead LFCSP, 7”Tape and Reel
CP-8-23
Q1
AD8317ACPZ-R2
−40°C to +85°C
8-Lead LFCSP, 7”Tape and Reel
CP-8-23
Q1
AD8317ACPZ-WP
−40°C to +85°C
8-Lead LFCSP, Waffle Pack
CP-8-23
Q1
AD8317ACHIPS
−40°C to +85°C
Die
AD8317-EVALZ
Evaluation Board
1
Z = RoHS Compliant Part.
©2005–2017 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D05541-0-8/17(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com