Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8317 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8317
Description  Log Detector/Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8317 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8317 Datasheet HTML 2Page - Analog Devices AD8317 Datasheet HTML 3Page - Analog Devices AD8317 Datasheet HTML 4Page - Analog Devices AD8317 Datasheet HTML 5Page - Analog Devices AD8317 Datasheet HTML 6Page - Analog Devices AD8317 Datasheet HTML 7Page - Analog Devices AD8317 Datasheet HTML 8Page - Analog Devices AD8317 Datasheet HTML 9Page - Analog Devices AD8317 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
AD8317
Data Sheet
Rev. C | Page 6 of 19
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
INHI
2
COMM
3
CLPF
4
VSET
8INLO
7 VPOS
6 TADJ
5VOUT
AD8317
TOP VIEW
(Not to Scale)
NOTES
1. EXPOSED PAD MUST BE
CONNECTED TO GROUND VIA
A LOW IMPEDANCE PATH.
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
INHI
RF Input. Nominal input range of −50 dBm to 0 dBm, referenced to 50 Ω; ac-coupled RF input.
2
COMM
Device Common. Connect to a low impedance ground plane.
3
CLPF
Loop Filter Capacitor. In measurement mode, this capacitor sets the pulse response time and video bandwidth.
In controller mode, the capacitance on this node sets the response time of the error amplifier/integrator.
4
VSET
Setpoint Control Input for Controller Mode or Feedback Input for Measurement Mode.
5
VOUT
Measurement and Controller Output. In measurement mode, VOUT provides a decreasing linear-in-dB
representation of the RF input signal amplitude. In controller mode, VOUT is used to control the gain of a VGA or
VVA with a positive gain sense (increasing voltage increases gain).
6
TADJ
Temperature Compensation Adjustment. Frequency-dependent temperature compensation is set by connecting
a ground-referenced resistor to this pin.
7
VPOS
Positive Supply Voltage: 3.0 V to 5.5 V.
8
INLO
RF Common for INHI. AC-coupled RF common.
EPAD
Exposed Pad. Exposed pad must be connected to ground via a low impedance path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com