Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8317 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8317
Description  Log Detector/Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8317 Datasheet(HTML) 1 Page - Analog Devices

  AD8317 Datasheet HTML 1Page - Analog Devices AD8317 Datasheet HTML 2Page - Analog Devices AD8317 Datasheet HTML 3Page - Analog Devices AD8317 Datasheet HTML 4Page - Analog Devices AD8317 Datasheet HTML 5Page - Analog Devices AD8317 Datasheet HTML 6Page - Analog Devices AD8317 Datasheet HTML 7Page - Analog Devices AD8317 Datasheet HTML 8Page - Analog Devices AD8317 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1 MHz to 10 GHz, 55 dB
Log Detector/Controller
Data Sheet
AD8317
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2005–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Wide bandwidth: 1 MHz to 10 GHz
High accuracy: ±1.0 dB over temperature
55 dB dynamic range up to 8 GHz ± 3 dB error
Stability over temperature: ±0.5 dB
Low noise measurement/controller output, VOUT
Pulse response time: 6 ns/10 ns (fall/rise)
Small footprint, 2 mm × 3 mm LFCSP
Supply operation: 3.0 V to 5.5 V at 22 mA
Fabricated using high speed SiGe process
APPLICATIONS
RF transmitter PA setpoint control and level monitoring
Power monitoring in radio link transmitters
RSSI measurement in base stations, WLANs, WiMAX, and radars
FUNCTIONAL BLOCK DIAGRAM
GAIN
BIAS
SLOPE
DET
DET
DET
DET
INHI
INLO
IV
VOUT
IV
VSET
CLPF
TADJ
VPOS
COMM
Figure 1.
GENERAL DESCRIPTION
The AD8317 is a demodulating logarithmic amplifier, capable of
accurately converting an RF input signal to a corresponding
decibel-scaled output. It employs the progressive compression
technique over a cascaded amplifier chain, each stage of which
is equipped with a detector cell. The device can be used in either
measurement or controller modes. The AD8317 maintains
accurate log conformance for signals of 1 MHz to 8 GHz and
provides useful operation to 10 GHz. The input dynamic range
is typically 55 dB (referenced to 50 Ω) with less than ±3 dB
error. The AD8317 has 6 ns/10 ns response time (fall time/rise
time) that enables RF burst detection to a pulse rate of beyond
50 MHz. The device provides unprecedented logarithmic intercept
stability vs. ambient temperature conditions. A supply of 3.0 V
to 5.5 V is required to power the device. Current consumption is
typically 22 mA, and it decreases to 200 μA when the device is
disabled.
The AD8317 can be configured to provide a control voltage to a
power amplifier or a measurement output from the VOUT pin.
Because the output can be used for controller applications, special
attention has been paid to minimize wideband noise. In this
mode, the setpoint control voltage is applied to the VSET pin.
The feedback loop through an RF amplifier is closed via VOUT,
the output of which regulates the output of the amplifier to a
magnitude corresponding to VSET. The AD8317 provides 0 V to
(VPOS − 0.1 V) output capability at the VOUT pin, suitable for
controller applications. As a measurement device, VOUT is
externally connected to VSET to produce an output voltage,
VOUT, that is a decreasing linear-in-dB function of the RF input
signal amplitude.
The logarithmic slope is 22 mV/dB, determined by the VSET
interface. The intercept is 15 dBm (referenced to 50 Ω, CW
input) using the INHI input. These parameters are very stable
against supply and temperature variations.
The AD8317 is fabricated on a SiGe bipolar IC process and is
available in a 2 mm × 3 mm, 8-lead LFCSP with an operating
temperature range of −40°C to +85°C.


Similar Part No. - AD8317

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8317 AD-AD8317 Datasheet
1Mb / 20P
1 MHz to 10 GHz, 50 dB Log Detector/Controller
10/05-Revision 0
AD8317 AD-AD8317 Datasheet
780Kb / 20P
1 MHz to 10 GHz, 55 dB Log Detector/Controller
REV. B
AD8317 AD-AD8317 Datasheet
1Mb / 23P
0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
Rev. F
AD8317 AD-AD8317 Datasheet
1Mb / 19P
1 MHz to 10 GHz, 55 dB Log Detector/Controller
Rev. D
AD8317-EVAL AD-AD8317-EVAL Datasheet
1Mb / 20P
1 MHz to 10 GHz, 50 dB Log Detector/Controller
10/05-Revision 0
More results

Similar Description - AD8317

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
RV002 FILTRONIC-RV002 Datasheet
325Kb / 2P
DETECTOR LOG VIDEO AMPLIFIERS
logo
Analog Devices
ADL5519 AD-ADL5519 Datasheet
654Kb / 27P
1 MHz to 10 GHz, 50 dB Dual Log Detector/Controller
AD8317 AD-AD8317 Datasheet
1Mb / 20P
1 MHz to 10 GHz, 50 dB Log Detector/Controller
10/05-Revision 0
AD8319 AD-AD8319 Datasheet
1Mb / 20P
1 MHz to 10 GHz, 40 dB Log Detector/Controller
10/05-Revision 0
AD8319 AD-AD8319_07 Datasheet
1Mb / 20P
1 MHz to 10 GHz, 40 dB Log Detector/Controller
3/07-Rev. 0 to Rev. A
AD8317 AD-AD8317_08 Datasheet
780Kb / 20P
1 MHz to 10 GHz, 55 dB Log Detector/Controller
REV. B
logo
American Accurate Compo...
DA-0520S41NA AAC-DA-0520S41NA Datasheet
179Kb / 4P
Detector Log Video Amplifiers (DLVA)
logo
Analog Devices
AD8319 AD-AD8319_15 Datasheet
1,004Kb / 20P
1 MHz to 10 GHz, 45 dB Log Detector/Controller
REV. C
AD8319 AD-AD8319_17 Datasheet
1Mb / 19P
1 MHz to 10 GHz, 45 dB Log Detector/Controller
Sep-2017
ADL5519 AD-ADL5519_17 Datasheet
3Mb / 39P
1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
9/2017-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com