Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8317 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8317
Description  Log Detector/Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8317 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8317 Datasheet HTML 4Page - Analog Devices AD8317 Datasheet HTML 5Page - Analog Devices AD8317 Datasheet HTML 6Page - Analog Devices AD8317 Datasheet HTML 7Page - Analog Devices AD8317 Datasheet HTML 8Page - Analog Devices AD8317 Datasheet HTML 9Page - Analog Devices AD8317 Datasheet HTML 10Page - Analog Devices AD8317 Datasheet HTML 11Page - Analog Devices AD8317 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
AD8317
Data Sheet
Rev. C | Page 8 of 19
0
0.25
0.50
1.00
1.25
1.50
1.75
2.00
0.75
–2.0
–1.5
0
0.5
1.0
1.5
2.0
–0.5
–1.0
PIN (dBm)
–60 –55 –50 –45 –40 –35 –30 –25 –20 –15 –10 –5
0
5
10
Figure 9. VOUT and Log Conformance vs. Input Amplitude at 900 MHz,
Multiple Devices, RTADJ = 18 kΩ
0
0.25
0.50
1.00
1.25
0.75
–2.0
–1.5
0
0.5
1.0
1.5
2.0
–0.5
–1.0
2.00
1.50
1.75
PIN (dBm)
–60 –55 –50 –45 –40 –35 –30 –25 –20 –15 –10 –5
0
5
10
Figure 10. VOUT and Log Conformance vs. Input Amplitude at 1.9 GHz,
Multiple Devices, RTADJ = 8 kΩ
0
0.25
0.50
1.00
1.25
2.00
0.75
–2.0
–1.5
0
0.5
1.0
1.5
2.0
–0.5
–1.0
PIN (dBm)
–60 –55 –50 –45 –40 –35 –30 –25 –20 –15 –10
–5
0
5
1.75
1.50
Figure 11. VOUT and Log Conformance vs. Input Amplitude at 2.2 GHz,
Multiple Devices, RTADJ = 8 kΩ
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.00
0
PIN (dBm)
1.75
2.0
–2.0
–60 –55 –50 –45 –40 –35 –30 –25 –20 –15 –10 –5
0
5
10
0.25
0.50
0.75
1.00
1.25
1.50
Figure 12. VOUT and Log Conformance vs. Input Amplitude at 3.6 GHz,
Multiple Devices, RTADJ = 8 kΩ
0
0.25
0.50
1.00
1.25
1.50
1.75
2.00
0.75
–2.0
–1.5
0
0.5
1.0
1.5
2.0
–0.5
–1.0
PIN (dBm)
–60 –55 –50 –45 –40 –35 –30 –25 –20 –15 –10 –5
0
5
10
Figure 13. VOUT and Log Conformance vs. Input Amplitude at 5.8 GHz,
Multiple Devices, RTADJ = 500 Ω
0
0.25
0.50
1.00
1.25
1.50
2.00
0.75
–2.0
–1.5
0
0.5
1.0
1.5
2.0
–0.5
–1.0
PIN (dBm)
–60 –55 –50 –45 –40 –35 –30 –25 –20 –15 –10 –5
0
5
10
1.75
Figure 14. VOUT and Log Conformance vs. Input Amplitude at 8.0 GHz,
Multiple Devices, RTADJ = Open,
Error Calculated from PIN = −34 dBm to PIN = −16 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com