Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8317 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8317
Description  Log Detector/Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8317 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8317 Datasheet HTML 11Page - Analog Devices AD8317 Datasheet HTML 12Page - Analog Devices AD8317 Datasheet HTML 13Page - Analog Devices AD8317 Datasheet HTML 14Page - Analog Devices AD8317 Datasheet HTML 15Page - Analog Devices AD8317 Datasheet HTML 16Page - Analog Devices AD8317 Datasheet HTML 17Page - Analog Devices AD8317 Datasheet HTML 18Page - Analog Devices AD8317 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
AD8317
Data Sheet
Rev. C | Page 18 of 19
DIE INFORMATION
BOND PAD STATISTICS
ALL MEASURMENTS IN MICRONS.
MINIMUM PASSIVATION OPENING: 59 × 59 MIN PAD PITCH: 89
DIE SIZE CALCULATION
ALL MEASURMENTS IN MICRONS.
DIEX (WIDTH OF DIE IN X DIRECTION) = 670
DIEY (WIDTH OF DIE IN Y DIRECTION) = 1325
DIE THICKNESS = 305 MICRONS
BALL BOND SHEAR STRENGTH SPECIFICATION: MINIMUM 15 GRAMS
1
2
2
3
4
5
6
7
8
Y
X
DB1
Figure 39. Die Outline Dimensions
Table 6. Die Pad Function Descriptions
Pin No.
Mnemonic
Description
1
INHI
RF Input. Nominal input range of −50 dBm to 0 dBm, referemced to 50 Ω; ac-coupled RF input.
2, 2
COMM
Device Common. Connect both pads to a low impedance groundplane.
3
CLPF
Loop Filter Capacitor. In measurement mode, this capacitor sets the pulse response time and video
bandwidth. In controller mode, the capacitance on this node sets the response time of the error
amplifier/integrator.
4
VSET
Setpoint Control Input for Controller Mode or Feedback Input for Measurement Mode.
5
VOUT
Measurement and Controller Output. In measurement mode, VOUT provides a decreasing linear-indB
representation of the RF input signal amplitude. In controller mode, VOUT is used to control the gainof
a VGA or VVA with a positive gain sense (increasing voltage increases gain).
6
TADJ
Temperature Compensation Adjustment. Frequency-dependent temperature compensationis set by
connecting a ground-referenced resistorto this pin.
7
VPOS
Positive Supply Voltage: 3.0 V to 5.5 V.
8
INLO
RF Common for INHI. AC-coupled RF common.
DB1
COMM
Device Common. Connect to a low impedance ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com