Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2FS Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # D2FS
Description  Ultra Subminiature Basic Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2FS Datasheet(HTML) 1 Page - Omron Electronics LLC

  D2FS Datasheet HTML 1Page - Omron Electronics LLC D2FS Datasheet HTML 2Page - Omron Electronics LLC D2FS Datasheet HTML 3Page - Omron Electronics LLC D2FS Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
D2FS
Ultra Subminiature Basic Switch
Simple construction and
high reliability for long time
• Developed for a few number of operations during a
long period of use such as door-detection to avoid
sabotage on meters.
• Simple construction with a single-leaf movable
spring realizes reasonable cost.
• Self-clinching, right-angled and left-angled
PCB terminals are also available.
RoHS Compliant
Model Number Legend
List of Models
Contact Form
● SPST-NO
Contact Specifications
Note: For more information on the minimum applicable load, refer to Using Micro Loads.
Actuator
Terminals
Model
Pin plunger
PCB terminals (Straight)
D2FS-F-N
PCB terminals (Self-clinching)
D2FS-F-N-T
PCB terminals (Right-angled)
D2FS-F-N-A
PCB terminals (Left-angled)
D2FS-F-N-A1
Hinge lever
PCB terminals (Straight)
D2FS-FL-N
PCB terminals (Self-clinching)
D2FS-FL-N-T
PCB terminals (Right-angled)
D2FS-FL-N-A
PCB terminals (Left-angled)
D2FS-FL-N-A1
Contact
Specification
Crossbar
Material
Silver
Gap (standard value)
0.4 mm
Minimum applicable load (see note)
1 mA at 5 VDC
D2FS - F
@-N@
12
1. Actuator
None : Pin plunger
L
: Hinge lever
2. Terminals
None : PCB terminals (Straight)
-T
: PCB terminals (Self-clinching)
-A
: PCB terminals (Right-angled)
-A1
: PCB terminals (Left-angled)
COM
NO


Similar Part No. - D2FS

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D2FS4 SHINDENGEN-D2FS4 Datasheet
659Kb / 11P
Schottky Rectifiers (SBD) (40V 1.6A)
D2FS4 SHINDENGEN-D2FS4_10 Datasheet
531Kb / 2P
Schottky Barrier Diode
D2FS6 SHINDENGEN-D2FS6 Datasheet
589Kb / 11P
Schottky Rectifiers (SBD) (60V 1.5A)
D2FS6 SHINDENGEN-D2FS6_10 Datasheet
538Kb / 2P
Schottky Barrier Diode
More results

Similar Description - D2FS

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D2MQ OMRON-D2MQ Datasheet
72Kb / 4P
Subminiature Basic Switch
SSG OMRON-SSG Datasheet
765Kb / 10P
Subminiature Basic Switch
SS-P OMRON-SS-P Datasheet
480Kb / 8P
Subminiature Basic Switch
D2QW OMRON-D2QW Datasheet
457Kb / 6P
Sealed Ultra Subminiature Basic Switch
D2FD-2L0-1H OMRON-D2FD-2L0-1H Datasheet
352Kb / 5P
Dust Proof Ultra Subminiature Basic Switch
J-7-V3 OMRON-J-7-V3 Datasheet
221Kb / 8P
Ultra Subminiature Basic Switch
SS-10 OMRON-SS-10 Datasheet
1Mb / 8P
Subminiature Basic Switch
D2AW OMRON-D2AW Datasheet
383Kb / 8P
Sealed Ultra Subminiature Basic Switch
D2FD OMRON-D2FD Datasheet
352Kb / 5P
Dust Proof Ultra Subminiature Basic Switch
D2LS OMRON-D2LS Datasheet
450Kb / 3P
Ultra Subminiature Basic Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com