Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2FS Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # D2FS
Description  Ultra Subminiature Basic Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2FS Datasheet(HTML) 4 Page - Omron Electronics LLC

  D2FS Datasheet HTML 1Page - Omron Electronics LLC D2FS Datasheet HTML 2Page - Omron Electronics LLC D2FS Datasheet HTML 3Page - Omron Electronics LLC D2FS Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
D2FS
Ultra Subminiature Basic Switch
Precautions
Refer to General Information.
● Soldering
• When using automatic soldering baths, we recommend solder-
ing at 260°C within 5 seconds. Make sure that the liquid sur-
face of the solder does not flow over the edge of the board.
• When soldering terminals manually, perform soldering within 3
seconds at iron tip temperature not higher than 350°C. Do not
apply any external force for at least 1 minute after soldering.
When applying solder, keep the solder away from the case of
the Switch and do not allow solder or flux to flow into the case.
● Side-actuated (Cam/Dog) Operation
• When using a cam or dog to operate the Switch, factors such
as the operating speed, operating frequency, push-button
indentation, and material and shape of the cam or dog will
affect the durability of the Switch. Confirm performance speci-
fications under actual operating conditions before using the
Switch in applications.
● Handling
• When handling the Switch, ensure that uneven pressure or, as
shown in the following diagram, pressure in a direction other
than the operating direction is not applied to the Actuator, oth-
erwise the Actuator or Switch may be damaged, or durability
may be decreased.
● Using Micro Loads
• Even when using micro load models within the operating
range, inrush currents or surges may decrease the life expect-
ancy of the Switch. Therefore, insert a contact protection cir-
cuit where necessary.
● Application Environment
• Do not use the Switch in locations that are subject to toxic gas,
silicon, excessive dust, excessive dirt, high temperatures, high
humidity, sudden temperature changes, water splashes, or oil
splashes.
Otherwise, damage resulting by faulty contact of the Switch con-
tacts, corrosion, or other causes, or other functional faults may
occur.
Cautions
Correct Use
incorrect
incorrect
incorrect
incorrect
• Application examples provided in this document are for reference only. In actual applications, confirm equipment functions and safety before using the product.
• Consult your OMRON representative before using the product under conditions which are not described in the manual or applying the product to nuclear control systems, railroad
systems, aviation systems, vehicles, combustion systems, medical equipment, amusement machines, safety equipment, and other systems or equipment that may have a serious
influence on lives and property if used improperly. Make sure that the ratings and performance characteristics of the product provide a margin of safety for the system or
equipment, and be sure to provide the system or equipment with double safety mechanisms.
Cat. No. B121-E1-04
0117(0207)(O)
Note: Do not use this document to operate the Unit.
OMRON Corporation
Electronic and Mechanical Components Company
Contact: www.omron.com/ecb



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com