Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2FS Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # D2FS
Description  Ultra Subminiature Basic Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2FS Datasheet(HTML) 2 Page - Omron Electronics LLC

  D2FS Datasheet HTML 1Page - Omron Electronics LLC D2FS Datasheet HTML 2Page - Omron Electronics LLC D2FS Datasheet HTML 3Page - Omron Electronics LLC D2FS Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
D2FS
Ultra Subminiature Basic Switch
Ratings
Note: The rating values apply under the following test conditions.
Ambient temperature: 20
± 2°C
Ambient humidity: 65
± 5%
Operating frequency: 20 operations/min
Characteristics
Note: The data given above are initial values.
*1. The values are at Free Position and Total Travel Position values for pin plunger, and Total Travel Position value for lever.
Close or open circuit of the contact is 1 ms max.
*2. For testing conditions, consult your OMRON sales representative.
Rated voltage
Resistive load
6 VDC
0.1 A
Operating speed
Pin plunger models: 1 mm to 500 mm/s
Lever models: 5 mm to 500 mm/s
Operatiing frequency
Mechanical
Pin plunger models: 200 operations/min max.
Lever models: 100 operations/min max.
Electrical
30 operations/min max.
Insulation resistance
100 M
Ω min. (at 500 VDC)
Contact resistance (initial value)
100 m
Ω max.
Dielectric strength
Between terminals of same polarity
600 VAC 50/60 Hz 1 min
Between current carrying metal parts and ground
1,500 VAC 50/60 Hz 1 min
Between each terminal and non-current carrying
metal part
Vibration resistance
Malfunction *1
10 to 55 Hz, 1.5 mm double amplitude
Shock resistance
Destruction
1,000 m/s2 max.
Malfunction *1
300 m/s2 max.
Durability *2
Mechanical
100,000 operations min. (at 30 ops./min.)
Electrical
10,000 operations min. (at 30 ops./min.)
Degree of protection
IP40
Ambient operatingtamperature
–20 to +70°C (at 60%RH Max.) (with no icing or condensation)
Ambient operation humidity
85%RH max. (for +5 to +35°C)
Weight
Approx. 0.5 g (pin plunger models)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com