Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2FS Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # D2FS
Description  Ultra Subminiature Basic Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2FS Datasheet(HTML) 3 Page - Omron Electronics LLC

  D2FS Datasheet HTML 1Page - Omron Electronics LLC D2FS Datasheet HTML 2Page - Omron Electronics LLC D2FS Datasheet HTML 3Page - Omron Electronics LLC D2FS Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
D2FS
Ultra Subminiature Basic Switch
Terminals (Unit: mm)
Dimensions (Unit: mm) / Operating Characteristics
The following illustrations and drawings are for D2FS models with PCB terminals (straight). Self-clinching, and right-angled, left angled terminals are omitted from the
following drawings. Refer to the above for these terminals.
When ordering, replace
@ with the code for the terminal that you need. See the "List of Models" for available combinations of models.
Note: 1. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
2. The operating characteristics are for operation in the A direction (
).
● PCB Terminals (Straight)
● PCB terminals (Self-clinching)
PCB Mounting Dimensions
(Reference)
● PCB Terminals (Right-angled)
● PCB Terminals (Left-angled)
3.15
6.5±0.1
5.08±0.15
5.08±0.15
12.8±0.15
NO
terminal
COM
terminal
Dummy
terminal
5.8±0.15
0.4
3.5
5.8±0.15
0.4±0.15
1.25±0.15
3.5
3.15
6.5±0.1
5.08±0.15
5.08±0.15
12.8±0.15
0.9±0.1
NO
terminal
COM
terminal
Dummy
terminal
1.6±0.15
1.5
5.08±0.1
Three, 1.2 dia.
5.08±0.1
Don't connect the dummy
terminal to the circuit.
3.15
6.5±0.1
5.08±0.15
5.08±0.15
12.8±0.15
0.9±0.1
NO
terminal
COM
terminal
Dummy
terminal
5.8±0.15
3.1±0.2
2.6±0.2
0.4
5.8±0.15
3.1±0.2
3.15
6.5±0.1
5.08±0.15
5.08±0.15
12.8±0.15
NO
terminal
COM
terminal
Dummy
terminal
2.6±0.2
0.4
Model
D2FS-F-N
@
OF max.
RF min.
0.85 N {87 gf}
0.05 N {5 gf}
PT
max.
OT min.
MD max.
0.5 mm
0.25 mm
0.12 mm
FP
max.
OP
7.5 mm
7.0
± 0.3 mm
● Pin Plunger Models
D2FS-F-N@
Two, 1.4
dia. hole
+0.1
0
1.2
5.2±0.2
2.9
OP
PT
FP
A
1.5
6.5
● Hinge Lever Models
D2FS-FL-N@
1.5
6.5
OP
FP
10.8±0.8
t = 0.3 Stainless-steel lever
3
A
Two, 1.4
dia. hole
+0.1
0
Model
D2FS-FL-N
@
OF max.
RF min.
0.25 N {25 gf}
0.02 N {2 gf}
OT min.
MD max.
0.55 mm
0.5 mm
FP
max.
OP
11.5 mm
8.3
± 1.2 mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com