Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGPZ10BM40 Datasheet(PDF) 1 Page - Rohm

Part # RGPZ10BM40
Description  430V 20A Ignition IGBT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RGPZ10BM40 Datasheet(HTML) 1 Page - Rohm

  RGPZ10BM40 Datasheet HTML 1Page - Rohm RGPZ10BM40 Datasheet HTML 2Page - Rohm RGPZ10BM40 Datasheet HTML 3Page - Rohm RGPZ10BM40 Datasheet HTML 4Page - Rohm RGPZ10BM40 Datasheet HTML 5Page - Rohm RGPZ10BM40 Datasheet HTML 6Page - Rohm RGPZ10BM40 Datasheet HTML 7Page - Rohm RGPZ10BM40 Datasheet HTML 8Page - Rohm RGPZ10BM40 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Datasheet
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
RGPZ10BM40FH
430V 20A Ignition IGBT
Operating Junction Temperature
Tj
40 to +175
°C
Storage Temperature
Tstg
55 to +175
°C
Power Dissipation
PD
107
W
250
Avalanche Energy (Single Pulse)
Tj = 25°C
EAS
mJ
Tj = 150°C
EAS
*2
150
mJ
Outline
BVCES
430
30V
TO-252
IC
20A
VCE(sat) (Typ.)
1.6V
EAS
250mJ
Features
Inner Circuit
1) Low Collector - Emitter Saturation Voltage
2) High Self-Clamped Inductive Switching Energy
3) Built in Gate-Emitter Protection Diode
4) Qualified to AEC-Q101
5) Pb - free Lead Plating ; RoHS Compliant
Packaging Specifications
Type
Packaging
Taping
Applications
Reel Size (mm)
330
Ignition Coil Driver Circuits
Tape Width (mm)
16
Solenoid Driver Circuits
Basic Ordering Unit (pcs)
2,500
Packing Code
TL
Marking
RGPZ10BM40
Absolute Maximum Ratings
(at TC = 25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Collector - Emitter Voltage
VCES
460
V
Emitter-Collector Voltage (VGE = 0V)
VEC
25
V
Gate - Emitter Voltage
Collector Current
VGE
10
V
IC
20
A
(1)
(2)
(3)
(1) Gate
(2) Collector
(3) Emitter
(1)
(2)
(3)
1/8
2015.10 - Rev.A


Similar Part No. - RGPZ10BM40

ManufacturerPart #DatasheetDescription
logo
Rohm
RGPZ10BM40FH ROHM-RGPZ10BM40FH Datasheet
1Mb / 10P
430V 20A Ignition IGBT
More results

Similar Description - RGPZ10BM40

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGD8201N ONSEMI-NGD8201N Datasheet
110Kb / 7P
Ignition IGBT
August, 2006 ??Rev. 7
CS8312 ONSEMI-CS8312 Datasheet
59Kb / 8P
IGBT Ignition Predriver
March, 2001 ??Rev. 4
NGB8202N ONSEMI-NGB8202N_06 Datasheet
144Kb / 7P
Ignition IGBT
August, 2006 ??Rev. 5
NGD8201N ONSEMI-NGD8201N Datasheet
147Kb / 7P
Ignition IGBT
August, 2006 ??Rev. 7
NGB8206NTF4G ONSEMI-NGB8206NTF4G Datasheet
129Kb / 9P
Ignition IGBT
February, 2012 ??Rev. 9
logo
Rohm
RGPR10BM40FH ROHM-RGPR10BM40FH Datasheet
1Mb / 10P
430V 20A Ignition IGBT
RGPR20NS43 ROHM-RGPR20NS43 Datasheet
759Kb / 11P
430V 20A Ignition IGBT
RGPZ10BM40FH ROHM-RGPZ10BM40FH Datasheet
1Mb / 10P
430V 20A Ignition IGBT
logo
ON Semiconductor
ISL9V3040X3ST-F085C ONSEMI-ISL9V3040X3ST-F085C Datasheet
3Mb / 9P
EcoSPARK Ignition IGBT
August, 2019 ??Rev. 1
logo
Rohm
RGPR20NL43HR ROHM-RGPR20NL43HR Datasheet
921Kb / 10P
430V 20A Ignition IGBT
2019.07 - Rev.A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com