Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGPZ10BM40 Datasheet(PDF) 3 Page - Rohm

Part # RGPZ10BM40
Description  430V 20A Ignition IGBT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RGPZ10BM40 Datasheet(HTML) 3 Page - Rohm

  RGPZ10BM40 Datasheet HTML 1Page - Rohm RGPZ10BM40 Datasheet HTML 2Page - Rohm RGPZ10BM40 Datasheet HTML 3Page - Rohm RGPZ10BM40 Datasheet HTML 4Page - Rohm RGPZ10BM40 Datasheet HTML 5Page - Rohm RGPZ10BM40 Datasheet HTML 6Page - Rohm RGPZ10BM40 Datasheet HTML 7Page - Rohm RGPZ10BM40 Datasheet HTML 8Page - Rohm RGPZ10BM40 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Data Sheet
RGPZ10BM40FH
Electrical Characteristics
(at Tj = 25°C unless otherwise specified)
*1) Assurance items according to our measurement definition (Fig.16)
*2) Design assurance items
2.10
V
Tj = 150°C
-
1.90
-
V
150
-
-
mJ
0.23
-
Tj = 150°C
*2
μs
pF
250
-
-
Gate Series Resistance
RG
70
100
130
Ω
μs
Turn - off Delay Time
*1
td(off)
-
1.5
-
Fall Time
*1
tf
-
3.9
-
-
0.16
-
Rise Time
*1
tr
-
V
Total Gate Charge
Qg
VCE = 15V, IC = 10A,
VGE = 5V
-14-
nC
-
1.13
-
Collector - Emitter Saturation
Voltage
VCE(sat)
Tj = 150°C
Collector - Emitter Saturation
Voltage
VCE(sat)
IC = 10A, VGE = 4V
Tj = 25°C
-
1.70
mJ
Turn - on Delay Time
*1
td(on)
Turn - off Delay Time
*1,*2
td(off)
0.8
1.3
4.0
IC = 8A, VCC = 300V,
VGE = 5V, RG = 100Ω,
L=5mH, Tj=150°C
Tj = 25°C
Avalanche Energy (Single Pulse)
EAS
L = 5mH, VGE = 5V,
VCC = 30V, RG = 1kΩ,
tr
0.10
0.18
0.50
IC = 8A, VCC = 300V,
VGE = 5V, RG = 100Ω,
L=5mH, Tj=25°C
Turn - on Delay Time
*1,*2
td(on)
Fall Time
*1,*2
tf
1.4
2.4
6.0
Rise Time
*1,*2
Input Capacitance
Cies
VCE = 10V
-
1000
-
0.09
0.17
0.50
Output Capacitance
Coes
VGE = 0V
-
175
-
Reverse Transfer Capacitance
Cres
f = 1MHz
-
55
-
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Tj = 25°C
-
1.17
1.50
IC = 4A, VGE = 4.5V
V
3/8
2015.10 - Rev.A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com