Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGPZ10BM40 Datasheet(PDF) 2 Page - Rohm

Part # RGPZ10BM40
Description  430V 20A Ignition IGBT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RGPZ10BM40 Datasheet(HTML) 2 Page - Rohm

  RGPZ10BM40 Datasheet HTML 1Page - Rohm RGPZ10BM40 Datasheet HTML 2Page - Rohm RGPZ10BM40 Datasheet HTML 3Page - Rohm RGPZ10BM40 Datasheet HTML 4Page - Rohm RGPZ10BM40 Datasheet HTML 5Page - Rohm RGPZ10BM40 Datasheet HTML 6Page - Rohm RGPZ10BM40 Datasheet HTML 7Page - Rohm RGPZ10BM40 Datasheet HTML 8Page - Rohm RGPZ10BM40 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Data Sheet
RGPZ10BM40FH
Thermal Resistance
Electrical Characteristics
(at Tj = 25°C unless otherwise specified)
-
1.60
2.00
V
Tj = 150°C
-
1.80
-
V
-
1.3
-
V
IC = 10A, VGE = 5V
Tj = 25°C
1.3
1.7
2.1
V
μA
35
-
V
IG = 5mA, VCE = 0V
12
-
±17
V
25
Collector - Emitter Saturation
Voltage
VCE(sat)
IC = 2mA, VGE = 0V
Tj = 25°C
Tj = 40 to 175°C
*2
IC = 10mA, VGE = 0V
VCE = 300V, VGE = 0V
VGE = 10V, VCE = 0V
VCE = 5V, IC = 10mA
Tj = 150°C
Tj = 25°C
Collector Cut - off Current
ICES
Gate - Emitter Leakage Current
IGES
Gate - Emitter Threshold
Voltage
VGE(th)
Tj = 150°C
*2
Gate - Emitter Breakdown
Voltage
BVGES
Collector - Emitter Breakdown
Voltage
BVCES
Emitter - Collector Breakdown
Voltage
BVEC
400
430
460
V
395
-
465
V
-
-
100
μA
--
15
μA
Tj = 25°C
--
7
Conditions
Values
Unit
Min.
Typ.
Max.
Unit
Min.
Typ.
Max.
Parameter
Symbol
Values
Parameter
°C/W
Thermal Resistance Junction - Case
Rθ(j-c)
-
-
1.40
Symbol
2/8
2015.10 - Rev.A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com