Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGPZ10BM40 Datasheet(PDF) 4 Page - Rohm

Part # RGPZ10BM40
Description  430V 20A Ignition IGBT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RGPZ10BM40 Datasheet(HTML) 4 Page - Rohm

  RGPZ10BM40 Datasheet HTML 1Page - Rohm RGPZ10BM40 Datasheet HTML 2Page - Rohm RGPZ10BM40 Datasheet HTML 3Page - Rohm RGPZ10BM40 Datasheet HTML 4Page - Rohm RGPZ10BM40 Datasheet HTML 5Page - Rohm RGPZ10BM40 Datasheet HTML 6Page - Rohm RGPZ10BM40 Datasheet HTML 7Page - Rohm RGPZ10BM40 Datasheet HTML 8Page - Rohm RGPZ10BM40 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Data Sheet
RGPZ10BM40FH
Electrical Characteristic Curves
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
0
25
50
75 100 125 150 175 200
IC= 10A
VGE= 3.5V
4V
4.5V
8V
10V
5V
1
1.1
1.2
1.3
1.4
1.5
0
25
50
75 100 125 150 175 200
IC= 5A
VGE= 3.5V
4V
4.5V
8V
10V
5V
Fig.1 Typical Output Characteristics
Collector To Emitter Voltage : VCE[V]
Fig.2 Typical Output Characteristics
Collector To Emitter Voltage : VCE[V]
Fig.3 Typical Collector To Emitter Saturation
Voltage vs. Junction Temperature
Junction Temperature : Tj [ºC]
Fig.4 Typical Collector To Emitter Saturation
Voltage vs. Junction Temperature
Junction Temperature : Tj [ºC]
0
5
10
15
20
25
30
012345
Tj= 25ºC
Tj= 25ºC
VGE= 10V
VGE= 8V
VGE= 4.5V
VGE= 4V
VGE= 3.5V
VGE= 5V
0
5
10
15
20
25
30
012345
Tj= 25ºC
Tj= 175ºC
VGE= 10V
VGE= 8V
VGE= 4.5V
VGE= 4V
VGE= 3.5V
VGE= 5V
4/8
2015.10 - Rev.A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com