Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7366 Datasheet(PDF) 3 Page - LSI Computer Systems

Part # LS7366
Description  32 BIT QUADRATURE COUNTER WITH SERIAL INTERFACE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7366 Datasheet(HTML) 3 Page - LSI Computer Systems

  LS7366 Datasheet HTML 1Page - LSI Computer Systems LS7366 Datasheet HTML 2Page - LSI Computer Systems LS7366 Datasheet HTML 3Page - LSI Computer Systems LS7366 Datasheet HTML 4Page - LSI Computer Systems LS7366 Datasheet HTML 5Page - LSI Computer Systems LS7366 Datasheet HTML 6Page - LSI Computer Systems LS7366 Datasheet HTML 7Page - LSI Computer Systems LS7366 Datasheet HTML 8Page - LSI Computer Systems LS7366 Datasheet HTML 9Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STR. The STR is an 8-bit status register which stores
count related status information.
CY
BW
CMP
IDX
CEN
PLS
U/D
S
7
6
5
4
3
2
1
0
CY: Carry (CNTR overflow) latch
BW: Borrow (CNTR underflow) latch
CMP: Compare (CNTR = DTR) latch
IDX: Index latch
CEN: Count enable status: 0: counting disabled,
1: counting enabled
7366-012405-3
IR. The IR is an 8-bit register that fetches instruction bytes from
the received data stream and executes them to perform such
functions as setting up the operating mode for the chip (load the
MDR) and data transfer among the various registers.
B7
B6
B5
B4
B3
B2
B1
B0
B2 B1 B0 = XXX (Don’t care)
B5 B4 B3 = 000: Select none
= 001: Select MDR0
= 010: Select MDR1
= 011: Select DTR
= 100: Select CNTR
= 101: Select OTR
= 110: Select STR
= 111: Select none
B7 B6 = 00: CLR register
= 01: RD register
= 10: WR register
= 11: LOAD register
The actions of the four functions, CLR, RD, WR and LOAD are elaborated in Table 1.
TABLE 1
Number of Bytes
OP Code
Register
Operation
MDR0
Clear MDR0 to zero
MRD1
Clear MDR1 to zero
1
CLR
DTR
None
CNTR
Clear CNTR to zero
OTR
None
STR
Clear STR to zero
MDR0
Output MDR0 serially on TXD (MISO)
MDR1
Output MDR1 serially on TXD (MISO)
2 to 5
RD
DTR
None
CNTR
Transfer CNTR to OTR, then output OTR serially
on TXD (MISO)
OTR
Output OTR serially on TXD (MISO)
STR
Output STR serially on TXD (MISO)
MDR0
Write serial data at RXD (MOSI) into MDR0
MDR1
Write serial data at RXD (MOSI) into MDR1
2 to 5
WR
DTR
Write serial data at RXD (MOSI) into DTR
CNTR
None
OTR
None
STR
None
MDR0
None
MDR1
None
1
LOAD
DTR
None
CNTR
Transfer DTR to CNTR in “parallel”
OTR
Transfer CNTR to OTR in “parallel”
CNTR. The CNTR is a software configurable 8, 16, 24 or 32-bit up/down counter which counts the up/down pulses resulting from
the quadrature clocks applied at the A and B inputs, or alternatively, in non-quadrature mode, pulses applied at the A input. By
means of IR intructions the CNTR can be cleared, loaded from the DTR or in turn, can be transferred into the OTR. The “clear CNTR”
and the “load CNTR” commands in the ”range-limit” mode, however have limitations. In this mode when the CNTR is frozen in up count
direction at CNTR = DTR, a “clear CNTR” command will only function if the count direction is reversed from up to down. Similarly,
in the down direction at CNTR = 0, a “load CNTR” command will only function if the direction is reversed from down to up.
OTR.
The OTR is a software configuration 8, 16, 24 or 32-bit register which can be read back on the MISO output.
Since instantaneous CNTR value is often needed to be read while the CNTR continues to count, the OTR serves as a
convenient dump site for instantaneous CNTR data which can then be read without interfering with the counting process.
PLS: Power loss indicator latch; set upon power up
U/D: Count direction indicator: 0: count down, 1: count up
S: Sign bit. 1: negative, 2: positive
A “CLR STR” command to IR resets all status bits except CEN
and U/D. In quadrature mode, if the quadrature clocks have
been halted, the status bits CY, BW and CMP are not affected
by a “CLR STR” command under the following conditions:
CY: If CNTR = FFFFFFFF with status bit U/D = 1
BW: If CNTR = 0 with status bit U/D = 0
CMP: If CNTR = DTR
In non-quadrature mode the same rules apply if input A is held at
logic low.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com