Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7366 Datasheet(PDF) 10 Page - LSI Computer Systems

Part # LS7366
Description  32 BIT QUADRATURE COUNTER WITH SERIAL INTERFACE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7366 Datasheet(HTML) 10 Page - LSI Computer Systems

Back Button LS7366 Datasheet HTML 2Page - LSI Computer Systems LS7366 Datasheet HTML 3Page - LSI Computer Systems LS7366 Datasheet HTML 4Page - LSI Computer Systems LS7366 Datasheet HTML 5Page - LSI Computer Systems LS7366 Datasheet HTML 6Page - LSI Computer Systems LS7366 Datasheet HTML 7Page - LSI Computer Systems LS7366 Datasheet HTML 8Page - LSI Computer Systems LS7366 Datasheet HTML 9Page - LSI Computer Systems LS7366 Datasheet HTML 10Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
CLOCK
CONTROL
I0 DATA
CONTROL
FILTER
MUX
MODE
CONTROL
I0 SHIFT
REG
÷2
FLAG
MASK
STR
MDR1
MDR0
OTR
CNTR
DTR
(32)
I R
LOAD CLR RDWR
CLR
RD
FLAGS
WR
POR
EN_MDR1
EN_OTR
POR
EN_DTR
(32)
(32)
(8)
(8)
(8)
(5)
EN_CNTR
CMPR
FLAG
LOGIC
SCK
RXD/MOSI
SS/
A
B
INDEX
fCKi
fCK0
VDD
Vss
POR GEN
POR
FLAGS
LFLAG/
TXD/MIS0
(8)
MDR0<7>
(V-)
(V+)
SPI_XMIT/
CNT_EN
V+
V+
(8)
EN_STR
EN_DTR
EN_CNTR
EN_OTR
EN_MDR0
EN_MDR1
EN_STR
(8)
6
BUFFER
LOAD
8
5
7
4
12
11
10
2
1
13
14
3
LOAD
EN_MDR0
BUFFER
DFLAG/
9
LS7366
1M
40MHz
15pF
15pF
MISO
MOSI
SCK
SS/
MISO
MOSI
SCK
SS/
3K
+V
PD2
PD3
PD4
PD5
MC68HC11
IRQ
LFLAG/
fCKO
fCKI
FIGURE 12. LS7366 TO MC68H11 SPI PORT INTERFACE
7366-112204-10
FIGURE 11. LS7366 BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com