Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7366 Datasheet(PDF) 1 Page - LSI Computer Systems

Part # LS7366
Description  32 BIT QUADRATURE COUNTER WITH SERIAL INTERFACE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7366 Datasheet(HTML) 1 Page - LSI Computer Systems

  LS7366 Datasheet HTML 1Page - LSI Computer Systems LS7366 Datasheet HTML 2Page - LSI Computer Systems LS7366 Datasheet HTML 3Page - LSI Computer Systems LS7366 Datasheet HTML 4Page - LSI Computer Systems LS7366 Datasheet HTML 5Page - LSI Computer Systems LS7366 Datasheet HTML 6Page - LSI Computer Systems LS7366 Datasheet HTML 7Page - LSI Computer Systems LS7366 Datasheet HTML 8Page - LSI Computer Systems LS7366 Datasheet HTML 9Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
GENERAL FEATURES:
• Operating voltage: 3.0V to 5.5V (VDD - VSS)
• 5V count frequency: 40MHz
• 3V count frequency: 20MHz
• 32-bit counter (CNTR).
• 32-bit data register (DTR) and comparator.
• 32-bit output register (OTR).
• Two 8-bit mode registers (MDR0, MDR1) for programmable
functional modes.
• 8-bit instruction register (IR).
• 8-bit status register (STR).
• Latched Interrupt output on Carry or Borrow or Compare or Index.
• Index driven counter load, output register load or counter reset.
• Internal quadrature clock decoder and filter.
• x1, x2 or x4 mode of quadrature counting.
• Non-quadrature up/down counting.
• Modulo-N, Non-recycle, Range-limit or
Free-running modes of counting
• 8-bit, 16-bit, 24-bit and 32-bit programmable configuration
synchronous (SPI) serial interface
• LS7366 (DIP); LS7366-S (SOIC); LS7366-TS (TSSOP)
- See Figure 1-
SPI/MICROWIRE (Serial Peripheral Interface):
• Standard 4-wire connection: MOSI, MISO, SS/ and SCK.
• Slave mode only.
GENERAL DESCRIPTION:
LS7366 is a 32-bit CMOS counter, with direct interface for quadra-
ture clocks from incremental encoders. It also interfaces with the
index signals from incremental encoders to perform variety of
marker functions.
For communications with microprocessors or microcontrollers, it
provides a 4-wire SPI/MICROWIRE bus.The four standard bus I/Os
are SS/, SCK, MISO and MOSI. The data transfer between a micro-
controller and a slave LS7366 is synchronous. The synchronization
is done by the SCK clocks supplied by the microcontroller.
Each transmission is organized in blocks of 1 to 5 bytes of data.
A transmission cycle is intitiated by a high to low transition of the
SS/ input. The first byte received in a transmission cycle is always
an instruction byte, whereas the second through the fifth bytes are
always interpreted as data bytes. A transmission cycle is terminated
with the low to high transition of the SS/ input. Received bytes are
shifted in at the MOSI input, MSB first, with the leading edges
(high transition) of the SCK clocks. Output data are shifted out on
the MISO output, MSB first, with the trailing edges (low transition)
of the SCK clocks.
32-BIT QUADRATURE COUNTER WITH SERIAL INTERFACE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Vss
VDD
B
A
INDEX
LFLAG/
SS/
SCK
LS7366
MISO
MOSI
fCKi
fCKO
PIN ASSIGNMENT
TOP VIEW
CNT_EN
DFLAG/
FIGURE 1
LSI/CSI
LSI Computer Systems, Inc. 1235 Walt Whitman Road, Melville, NY 11747 (631) 271-0400 FAX (631) 271-0405
LS7366
UL
®
A3800
January 2005
7366-012605-1
Read and write commands cannot be combined.
For example, when the device is shifting out read
data on MISO output, it ignores the MOSI input,
even though the SS/ input is active. SS/ must be
terminated and reasserted before the device will
accept a new command.
The counter can be configured to operate as a
1, 2, 3 or 4-byte counter. When configured as a
n-byte counter, the CNTR, DTR and OTR are all
configured as n-byte registers, where n = 1, 2, 3 or
4. The content of the instruction/data identity is
automatically adjusted to match the n-byte configu-
ration. For example, if the counter is configured as a
2-byte counter, the instruction “write to DTR”
expects 2 data bytes following the instruction byte.
If the counter is configured as a 3-byte counter, the
same instruction will expect 3 bytes of data follow-
ing the instruction byte.
Following the transfer of the appropriate number of
bytes any further attempt of data transfer is ignored
until a new instruction cycle is started by switching
the SS/ input to high and then low.
The counter can be programmed to operate in a
number of different modes, with the operating
characteristics being written into the two mode
registers MDR0 and MDR1. Hardware I/Os are
provided for event driven operations, such as
processor interrupt and index related functions.


Similar Part No. - LS7366

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7366R LSI-LS7366R Datasheet
91Kb / 13P
32-BIT QUADRATURE COUNTER WITH SERIAL INTERFACE
LS7366R-S LSI-LS7366R-S Datasheet
91Kb / 13P
32-BIT QUADRATURE COUNTER WITH SERIAL INTERFACE
LS7366R-TS LSI-LS7366R-TS Datasheet
91Kb / 13P
32-BIT QUADRATURE COUNTER WITH SERIAL INTERFACE
LS7366R LSI-LS7366R_14 Datasheet
716Kb / 17P
32-BIT QUADRATURE COUNTER WITH SERIAL INTERFACE
More results

Similar Description - LS7366

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCTL-2000 HP-HCTL-2000 Datasheet
319Kb / 18P
Quadrature Decoder/Counter Interface ICs
logo
LSI Computer Systems
LS7166 LSI-LS7166 Datasheet
79Kb / 12P
24-BIT QUADRATURE COUNTER
LS7166 LSI-LS7166_06 Datasheet
107Kb / 15P
24-BIT QUADRATURE COUNTER
LS7366R LSI-LS7366R Datasheet
91Kb / 13P
32-BIT QUADRATURE COUNTER WITH SERIAL INTERFACE
logo
AVAGO TECHNOLOGIES LIMI...
HCTL-2001 AVAGO-HCTL-2001 Datasheet
183Kb / 12P
Quadrature Decoder/Counter Interface ICs
HCTL-2017 AVAGO-HCTL-2017 Datasheet
174Kb / 12P
Quadrature Decoder/Counter Interface ICs
HCTL-2032 AVAGO-HCTL-2032 Datasheet
387Kb / 21P
Quadrature Decoder/ Counter Interface ICs
logo
LSI Computer Systems
LS7766 LSI-LS7766 Datasheet
226Kb / 14P
32-BIT SINGLE- AXIS/DUAL-AXIS QUADRATURE COUNTER
LS7166 LSI-LS7166_08 Datasheet
246Kb / 19P
24-BIT QUADRATURE COUNTER
LS7366R LSI-LS7366R_14 Datasheet
716Kb / 17P
32-BIT QUADRATURE COUNTER WITH SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com