Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7366 Datasheet(PDF) 4 Page - LSI Computer Systems

Part # LS7366
Description  32 BIT QUADRATURE COUNTER WITH SERIAL INTERFACE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7366 Datasheet(HTML) 4 Page - LSI Computer Systems

  LS7366 Datasheet HTML 1Page - LSI Computer Systems LS7366 Datasheet HTML 2Page - LSI Computer Systems LS7366 Datasheet HTML 3Page - LSI Computer Systems LS7366 Datasheet HTML 4Page - LSI Computer Systems LS7366 Datasheet HTML 5Page - LSI Computer Systems LS7366 Datasheet HTML 6Page - LSI Computer Systems LS7366 Datasheet HTML 7Page - LSI Computer Systems LS7366 Datasheet HTML 8Page - LSI Computer Systems LS7366 Datasheet HTML 9Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
7366-112204-4
ABSOLUTE MAXIMUM RATINGS: (All voltages referenced to Vss)
Parameter
Symbol
Values
Unit
DC Supply Voltage
VDD
+7.0
V
Voltage
VIN
Vss - 0.3 to VDD + 0.3
V
Operating Temperature
TA
-25 to +85
oC
Storage Temperature
TSTG
-65 to +150
oC
MDR1. The MDR1 (Mode Register 1) is an 8-bit read/write register which is appended to MDR0 for additional modes.
Upon power-up MDR1 is cleared to zero.
B7
B6
B5
B4
B3
B2
B1
B0
B1 B0 = 00: 4-byte counter mode
= 01: 3-byte counter mode
= 10: 2-byte counter mode.
= 11: 1-byte counter mode
B2 = 0: Enable counting
= 1: Disable counting
B3 = : not used
B4 = 0: NOP
= 1: FLAG on IDX (B4 of STR)
B5 = 0: NOP
= 1: FLAG on CMP (B5 of STR)
B6 = 0: NOP
= 1: FLAG on BW (B6 of STR)
B7 = 0: NOP
= 1: FLAG on CY (B7 of STR)
MDR0. The MDR0 (Mode Register 0) is an 8-bit read/write register that sets up the operating mode for the LS7366. The MDR0 is
written into by executing the "write-to-MDR0" instruction via the instruction register. Upon power up MDR0 is cleared to zero.
The following is a breakdown of the MDR bits:
B7
B6
B5
B4
B3
B2
B1
B0
B1 B0 = 00: non-quadrature count mode. (A = clock, B = direction).
= 01: x1 quadrature count mode (one count per quadrature cycle).
= 10: x2 quadrature count mode (two counts per quadrature cycle).
= 11: x4 quadrature count mode (four counts per quadrature cycle).
B3 B2 = 00: free-running count mode.
= 01: single-cycle count mode (counter disabled with carry or borrow, re-enabled with reset or load).
= 10: range-limit count mode (up and down count-ranges are limited between DTR and zero,
respectively; counting freezes at these limits but resumes when direction reverses).
= 11: modulo-n count mode (input count clock frequency is divided by a factor of (n+1),
where n = DTR, in both up and down directions).
B5 B4 = 00: disable index.
= 01: configure index as the "load CNTR" input (transfers DTR to CNTR).
= 10: configure index as the "reset CNTR" input (clears CNTR to 0).
= 11: configure index as the "load OTR" input (transfers CNTR to OTR).
B6 = 0: Negative index input
= 1: Positive index input
B7 = 0: Filter clock division factor = 1
= 1: Filter clock division factor = 2
NOTE: Applicable to both
LFLAG/ and DFLAG/



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com