Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS115D0 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLS115D0
Description  High Precision Voltage Tracker
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS115D0 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLS115D0 Datasheet HTML 2Page - Infineon Technologies AG TLS115D0 Datasheet HTML 3Page - Infineon Technologies AG TLS115D0 Datasheet HTML 4Page - Infineon Technologies AG TLS115D0 Datasheet HTML 5Page - Infineon Technologies AG TLS115D0 Datasheet HTML 6Page - Infineon Technologies AG TLS115D0 Datasheet HTML 7Page - Infineon Technologies AG TLS115D0 Datasheet HTML 8Page - Infineon Technologies AG TLS115D0 Datasheet HTML 9Page - Infineon Technologies AG TLS115D0 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
TLS115D0
High Precision Voltage Tracker
Pin configuration
Data Sheet
6
Rev. 1.00
2016-10-13
2.3
Pin assignment TLS115D0LD in PG-TSON-10 package
Figure 3
TLS115D0LD pin configuration
2.4
Pin definitions and functions TLS115D0LD in PG-TSON-10 package
Pin
Symbol
Function
1OUT
Tracker output
150 mA output current capability
Connect to GND with a capacitor close to the pins, respecting capacitance and
ESR requirements given in Table 2 Functional range.
3GND
Ground
5PG
Power Good
Open collector output.
Connect via a pull-up resistor to a positive voltage rail.
A “low” signal indicates a fault condition of the tracker output.
6ADJ
Adjust
Connect to the reference voltage
8EN
Enable input
“High” signal: enables the tracker
“Low” signal: disables the tracker
If the enable function is not required, then connect EN to IN.
10
IN
Input
It is recommended to connect a small ceramic capacitor to GND close to the pins
in order to compensate line influence.
2, 4, 7, 9
N.C.
Not connected
Pad
–
Exposed Pad
Connect to GND
OUT
IN
N.C.
GND
PG
EN
ADJ
1
2
3
TSON-10
5
10
9
8
7
6
4
N.C.
N.C.
N.C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com