Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS115D0 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLS115D0
Description  High Precision Voltage Tracker
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS115D0 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLS115D0 Datasheet HTML 15Page - Infineon Technologies AG TLS115D0 Datasheet HTML 16Page - Infineon Technologies AG TLS115D0 Datasheet HTML 17Page - Infineon Technologies AG TLS115D0 Datasheet HTML 18Page - Infineon Technologies AG TLS115D0 Datasheet HTML 19Page - Infineon Technologies AG TLS115D0 Datasheet HTML 20Page - Infineon Technologies AG TLS115D0 Datasheet HTML 21Page - Infineon Technologies AG TLS115D0 Datasheet HTML 22Page - Infineon Technologies AG TLS115D0 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
TLS115D0
High Precision Voltage Tracker
Block description and electrical characteristics
Data Sheet
19
Rev. 1.00
2016-10-13
4.9
Power Good output
The Power Good output PG indicates an overvoltage or undervoltage condition of the tracker output. For this
the TLS115D0 compares the output voltage VOUT to the reference voltage VADJ. Variations of the output voltage
beyond the Power Good switching thresholds are indicated by a “low” signal at the Power Good output PG.
Transients shorter than the Power Good reaction time tPG,r do not trigger the Power Good output.
The Power Good output PG is an open collector output that requires a pull-up resisitor to a positive voltage
rail. The pull-up voltage must not exceed the absolute maximum ratings of Power Good PG (see “Absolute
maximum ratings” on Page 7).
Table 9
Electrical characteristics Power Good output
VIN = 13.5 V, 2.0 V ≤ VADJ ≤ 14 V, VEN ≥ 2.0 V, Tj = -40°C to +150°C, all voltages with respect to ground, positive
current flowing into pin (unless otherwise specified).
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Power Good switching
threshold, undervoltage
VOUT,UV
VADJ -
120
VADJ -
70
VADJ -
50
mV
VOUT decreasing,
VIN ≥ VADJ + 150 mV
P_4.9.1
Power Good switching
threshold, overvoltage
VOUT,OV
VADJ +
50
VADJ +
70
VADJ +
120
mV
VOUT increasing,
VIN ≥ VADJ + 150 mV
P_4.9.2
Power Good reaction time
tPG,r
10
15
30
µs
–
P_4.9.3
Power Good output low
voltage
VPG,low
–0.2
0.4
V
VIN ≥ 4V,
IPG,ext ≤ 1.8 mA
P_4.9.4
Power Good output
external input current
IPG,ext
––
1.8
mA
VPG ≤ 0.4 V
P_4.9.5
Power Good output
leakage current
IPG,leak
–0
2
µA
VOUT = VADJ,
VPG = 5 V
P_4.9.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com