Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS115D0 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLS115D0
Description  High Precision Voltage Tracker
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS115D0 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLS115D0 Datasheet HTML 4Page - Infineon Technologies AG TLS115D0 Datasheet HTML 5Page - Infineon Technologies AG TLS115D0 Datasheet HTML 6Page - Infineon Technologies AG TLS115D0 Datasheet HTML 7Page - Infineon Technologies AG TLS115D0 Datasheet HTML 8Page - Infineon Technologies AG TLS115D0 Datasheet HTML 9Page - Infineon Technologies AG TLS115D0 Datasheet HTML 10Page - Infineon Technologies AG TLS115D0 Datasheet HTML 11Page - Infineon Technologies AG TLS115D0 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
TLS115D0
High Precision Voltage Tracker
General product characteristics
Data Sheet
8
Rev. 1.00
2016-10-13
3.2
Functional range
Note:
Within the functional or operating range, the IC operates as described in the circuit description. The
electrical characteristics are specified within the conditions given in the Electrical Characteristics
table.
3.3
Thermal resistance
Note:
This thermal data was generated in accordance with JEDEC JESD51 standards. For more
information, go to www.jedec.org.
Table 2
Functional range
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Input voltage range
VIN
4
–
45
V
–
P_3.2.1
Adjust input voltage range
(voltage tracking range)
VADJ
2
–
14
V
–
P_3.2.2
Output capacitor
COUT
1
––µF
–1)2)
1) The minimum output capacitance requirement is applicable for a worst case capacitance tolerance of 30%.
2) Not subject to production test, specified by design.
P_3.2.3
Output capacitor’s
Equivalent Series
Resistance
ESR
(COUT)
––
5
Ω
–2)
P_3.2.4
Junction temperature
Tj
-40
–
150
°C
–2)
P_3.2.5
Table 3
Thermal resistance TLS115D0EJ in PG-DSO-8 EP package
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Junction to case1)
1) Not subject to production test, specified by design.
RthJC
–
18
–
K/W
–
P_3.3.1
Junction to pin1)
RthJP
–
85
–
K/W
–
P_3.3.2
Junction to ambient1)
RthJA
–50
–
K/W
2s2p board2)
2) Specified RthJA value is according to Jedec JESD51-2,-5,-7 at natural convection on FR4 2s2p board; The product (chip
and package) was simulated on a 76.2 × 114.3 × 1.5 mm3 board with 2 inner copper layers (2×70µm Cu, 2×35µm Cu).
Where applicable a thermal via array under the exposed pad contacted the first inner copper layer.
P_3.3.3
Junction to ambient1)
RthJA
–
157
–
K/W
1s0p board, footprint
only3)
3) Specified RthJA value is according to JEDEC JESD 51-3 at natural convection on FR4 1s0p board; The product (chip and
package) was simulated on a 76.2×114.3×1.5 mm3 board with 1 copper layer (1 x 70 µm Cu).
P_3.3.4
Junction to ambient1)
RthJA
–
77
–
K/W
1s0p board, 300 mm2
heatsink area on PCB3)
P_3.3.5
Junction to Ambient1)
RthJA
–
63
–
K/W
1s0p board, 600 mm2
heatsink area on PCB3)
P_3.3.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com