Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS115D0 Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLS115D0
Description  High Precision Voltage Tracker
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS115D0 Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLS115D0 Datasheet HTML 12Page - Infineon Technologies AG TLS115D0 Datasheet HTML 13Page - Infineon Technologies AG TLS115D0 Datasheet HTML 14Page - Infineon Technologies AG TLS115D0 Datasheet HTML 15Page - Infineon Technologies AG TLS115D0 Datasheet HTML 16Page - Infineon Technologies AG TLS115D0 Datasheet HTML 17Page - Infineon Technologies AG TLS115D0 Datasheet HTML 18Page - Infineon Technologies AG TLS115D0 Datasheet HTML 19Page - Infineon Technologies AG TLS115D0 Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
TLS115D0
High Precision Voltage Tracker
Block description and electrical characteristics
Data Sheet
16
Rev. 1.00
2016-10-13
Current consumption Iq vs.
junction temperature Tj
Current consumption Iq vs.
junction temperature Tj (IOUT low)
Current consumption in OFF mode Iq,off vs.
junction temperature Tj
0
50
100
150
0
2
4
6
8
10
12
T
j
[
°C]
V
IN
= 13.5 V
I
OUT
= 50 mA
I
OUT
= 100 mA
I
OUT
= 150 mA
0
50
100
150
0
50
100
150
T
j
[
°C]
V
IN
= 13.5 V
I
OUT
= 100
μA
0
50
100
150
0
0.5
1
1.5
2
2.5
3
3.5
4
T
j
[
°C]
V
IN
= 13.5 V
V
EN ≤
0.4 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com