Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS115D0LD Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLS115D0LD
Description  High Precision Voltage Tracker
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS115D0LD Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLS115D0LD Datasheet HTML 3Page - Infineon Technologies AG TLS115D0LD Datasheet HTML 4Page - Infineon Technologies AG TLS115D0LD Datasheet HTML 5Page - Infineon Technologies AG TLS115D0LD Datasheet HTML 6Page - Infineon Technologies AG TLS115D0LD Datasheet HTML 7Page - Infineon Technologies AG TLS115D0LD Datasheet HTML 8Page - Infineon Technologies AG TLS115D0LD Datasheet HTML 9Page - Infineon Technologies AG TLS115D0LD Datasheet HTML 10Page - Infineon Technologies AG TLS115D0LD Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
TLS115D0
High Precision Voltage Tracker
General product characteristics
Data Sheet
7
Rev. 1.00
2016-10-13
3
General product characteristics
3.1
Absolute maximum ratings
Notes
1. Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2. Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
Table 1
Absolute maximum ratings1)
Tj = -40°C to +150°C; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
1) Not subject to production test, specified by design.
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Input IN
Voltage
VIN
-16
–
45
V
–
P_3.1.1
Enable EN
Voltage
VEN
-16
–
45
V
–
P_3.1.2
Adjust ADJ
Voltage
VADJ
-16
–
45
V
–
P_3.1.3
Output OUT
Voltage
VOUT
-5
–
45
V
–
P_3.1.4
Power Good PG
Voltage
VPG
-0.3
–
7
V
–
P_3.1.5
Temperatures
Junction temperature
Tj
-40
–
150
°C
–
P_3.1.6
Storage temperature
Tstg
-55
–
150
°C
–
P_3.1.7
ESD Absorption
ESD susceptibility to GND
VESD,HBM
-4
–
4
kV
Human Body
Model (HBM)2)
2) ESD susceptibility, HBM according to ANSI/ESDA/JEDEC JS001 (1.5 kΩ, 100 pF)
P_3.1.8
ESD susceptibility to GND
VESD,CDM
-1
–
1
kV
Charge Device
Model (CDM)3)
P_3.1.9
ESD susceptibility to GND
VESD,CDM
-1
–
1
kV
Charge Device
Model (CDM) at
corner pins3)
3) ESD susceptibility, Charged Device Model “CDM” according JEDEC JESD22-C101
P_3.1.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com