Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS115D0LD Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLS115D0LD
Description  High Precision Voltage Tracker
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS115D0LD Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLS115D0LD Datasheet HTML 13Page - Infineon Technologies AG TLS115D0LD Datasheet HTML 14Page - Infineon Technologies AG TLS115D0LD Datasheet HTML 15Page - Infineon Technologies AG TLS115D0LD Datasheet HTML 16Page - Infineon Technologies AG TLS115D0LD Datasheet HTML 17Page - Infineon Technologies AG TLS115D0LD Datasheet HTML 18Page - Infineon Technologies AG TLS115D0LD Datasheet HTML 19Page - Infineon Technologies AG TLS115D0LD Datasheet HTML 20Page - Infineon Technologies AG TLS115D0LD Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
TLS115D0
High Precision Voltage Tracker
Block description and electrical characteristics
Data Sheet
17
Rev. 1.00
2016-10-13
4.5
Enable input
In order to minimize the quiescent current, the TLS115D0 can be switched to stand-by mode by setting the
corresponding enable input “EN” to “low”.
If the EN pin is not connected, then the “low” level from the internal pull-down resistor switches off the
regulator.
4.6
Typical performance characteristics Enable input
Table 7
Electrical characteristics Enable input
VIN = 13.5 V, 2.0 V ≤ VADJ ≤ 14 V, Tj = -40°C to +150°C, all voltages with respect to ground, positive current flowing
into pin (unless otherwise specified).
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Enable off voltage range
VEN,off
––
0.8
V
VOUT =0 V,
IOUT ≤ 5 μA,
Tj ≤ 125°C
P_4.5.1
Enable on voltage range
VEN,on
2–
–
V
VOUT settled
P_4.5.2
Enable input current
IEN
–2
4
µA
VEN =5V
P_4.5.3
Enable input current IEN vs.
Enable input voltage VEN
0
10
20
30
40
0
5
10
15
20
25
30
35
40
V
EN
[V]
V
IN
= 13.5V
T
j
= −40
°C
T
j
= 25
°C
T
j
= 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com