Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS115D0LD Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLS115D0LD
Description  High Precision Voltage Tracker
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS115D0LD Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLS115D0LD Datasheet HTML 8Page - Infineon Technologies AG TLS115D0LD Datasheet HTML 9Page - Infineon Technologies AG TLS115D0LD Datasheet HTML 10Page - Infineon Technologies AG TLS115D0LD Datasheet HTML 11Page - Infineon Technologies AG TLS115D0LD Datasheet HTML 12Page - Infineon Technologies AG TLS115D0LD Datasheet HTML 13Page - Infineon Technologies AG TLS115D0LD Datasheet HTML 14Page - Infineon Technologies AG TLS115D0LD Datasheet HTML 15Page - Infineon Technologies AG TLS115D0LD Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
TLS115D0
High Precision Voltage Tracker
Block description and electrical characteristics
Data Sheet
12
Rev. 1.00
2016-10-13
4.2
Typical performance characteristics tracking regulator
Tracking accuracy ΔVOUT vs.
junction temperature Tj
Output current limitation IOUT,max vs.
input voltage VIN
Output voltage VOUT vs.
adjust voltage VADJ
Output voltage VOUT vs.
input voltage VIN
0
50
100
150
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
T
j
[
°C]
V
IN
= 13.5V
I
OUT
= 100
μA
I
OUT
= 75 mA
I
OUT
= 150 mA
0
10
20
30
40
0
100
200
300
400
500
600
V
IN
[V]
V
ADJ
= 5 V
T
j
= 25
°C
T
j
= 150
°C’
0
1
2
3
4
5
0
1
2
3
4
5
6
V
ADJ
[V]
V
IN
= 13.5 V
I
OUT
= 10 mA
T
j
= 25
°C
0
2
4
6
8
10
0
1
2
3
4
5
6
7
V
IN
[V]
V
ADJ
= 5 V
I
OUT
= 10 mA
T
j
= 25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com