Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS115D0LD Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLS115D0LD
Description  High Precision Voltage Tracker
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS115D0LD Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLS115D0LD Datasheet HTML 10Page - Infineon Technologies AG TLS115D0LD Datasheet HTML 11Page - Infineon Technologies AG TLS115D0LD Datasheet HTML 12Page - Infineon Technologies AG TLS115D0LD Datasheet HTML 13Page - Infineon Technologies AG TLS115D0LD Datasheet HTML 14Page - Infineon Technologies AG TLS115D0LD Datasheet HTML 15Page - Infineon Technologies AG TLS115D0LD Datasheet HTML 16Page - Infineon Technologies AG TLS115D0LD Datasheet HTML 17Page - Infineon Technologies AG TLS115D0LD Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
TLS115D0
High Precision Voltage Tracker
Block description and electrical characteristics
Data Sheet
14
Rev. 1.00
2016-10-13
Reverse current IIN,rev vs.
input voltage VIN
Reverse current IOUT,rev vs.
output voltage VOUT
Power supply ripple rejection PSRR vs.
ripple frequency fr
Output capacitor ESR(COUT) vs.
output current IOUT
−15
−10
−5
0
−4
−3.5
−3
−2.5
−2
−1.5
−1
−0.5
0
V
IN
[V]
V
ADJ
= 5 V
V
OUT
= 0 V
T
j
= −40
°C
T
j
= 25
°C
T
j
= 150
°C
0
5
10
15
−4
−3.5
−3
−2.5
−2
−1.5
−1
−0.5
0
V
OUT
[V]
V
ADJ
= 5 V
V
IN
= 0 V
T
j
= −40
°C
T
j
= 25
°C
T
j
= 150
°C
10
−2
10
−1
10
0
10
1
10
2
10
3
0
10
20
30
40
50
60
70
80
90
100
f [kHz]
I
OUT
= 10 mA
C
OUT
= 10
μF
V
IN
= 13.5 V
V
ripple
= 1 Vpp
T
j
= 25
°C
0
50
100
150
10
−2
10
−1
10
0
10
1
I
OUT
[mA]
C
OUT
= 1
μF
6 V < V
IN
< 15 V
−40
°C < T
j
< 150
°C
Stable Region
Unstable Region



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com