Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGM708-RYS8G/TR Datasheet(PDF) 4 Page - SG Micro Corp

Part # SGM708-RYS8G/TR
Description  Low-Cost, Microprocessor Supervisory Circuit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM708-RYS8G/TR Datasheet(HTML) 4 Page - SG Micro Corp

  SGM708-RYS8G/TR Datasheet HTML 1Page - SG Micro Corp SGM708-RYS8G/TR Datasheet HTML 2Page - SG Micro Corp SGM708-RYS8G/TR Datasheet HTML 3Page - SG Micro Corp SGM708-RYS8G/TR Datasheet HTML 4Page - SG Micro Corp SGM708-RYS8G/TR Datasheet HTML 5Page - SG Micro Corp SGM708-RYS8G/TR Datasheet HTML 6Page - SG Micro Corp SGM708-RYS8G/TR Datasheet HTML 7Page - SG Micro Corp SGM708-RYS8G/TR Datasheet HTML 8Page - SG Micro Corp SGM708-RYS8G/TR Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Low-Cost, Microprocessor
SGM708
Supervisory Circuit
4
DECEMBER 2017
SG Micro Corp
www.sg-micro.com
PIN CONFIGURATION
SGM708 (TOP VIEW)
SGM708
VCC
1
2
3
4
5
6
7
8
MR
GND
PFI
NC
PFO
RESET
RESET
SOIC-8
PIN DESCRIPTION
PIN
NAME
FUNCTION
1
MR
Manual-Reset Input triggers a reset pulse when pulled below 0.8V. This active-low input has an internal
250μA (VCC = +5V) pull-up current. It can be driven from a TTL or CMOS logic line as well as shorted to
ground with a switch.
2
VCC
Power Supply Voltage that is monitored.
3
GND
0V Ground Reference for all signals.
4
PFI
Power-Fail Voltage Monitor Input. When PFI is less than 1.25V, PFO goes low. Connect PFI to GND or
VCC when not used.
5
PFO
Power-Fail Output goes low and sinks current when PFI is less than 1.25V; otherwise PFO stays high.
6
NC
No Connect.
7
RESET
Active-Low Reset Output pulses low for 200ms when triggered, and stays low whenever VCC is below the
reset threshold (4.65V for SGM708-L, 4.40V for SGM708-M, 4.0V for SGM708-J, 3.08V for SGM708-T,
2.93V for SGM708-S and 2.63V for SGM708-R). It remains low for 200ms after VCC rises above the reset
threshold or MR goes from low to high.
8
RESET
Active-High Reset Output is the inverse of RESET . Whenever RESET is high, RESET is low, and vice
versa.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com