Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGM708-RYS8G/TR Datasheet(PDF) 5 Page - SG Micro Corp

Part # SGM708-RYS8G/TR
Description  Low-Cost, Microprocessor Supervisory Circuit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM708-RYS8G/TR Datasheet(HTML) 5 Page - SG Micro Corp

  SGM708-RYS8G/TR Datasheet HTML 1Page - SG Micro Corp SGM708-RYS8G/TR Datasheet HTML 2Page - SG Micro Corp SGM708-RYS8G/TR Datasheet HTML 3Page - SG Micro Corp SGM708-RYS8G/TR Datasheet HTML 4Page - SG Micro Corp SGM708-RYS8G/TR Datasheet HTML 5Page - SG Micro Corp SGM708-RYS8G/TR Datasheet HTML 6Page - SG Micro Corp SGM708-RYS8G/TR Datasheet HTML 7Page - SG Micro Corp SGM708-RYS8G/TR Datasheet HTML 8Page - SG Micro Corp SGM708-RYS8G/TR Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Low-Cost, Microprocessor
SGM708
Supervisory Circuit
5
DECEMBER 2017
SG Micro Corp
www.sg-micro.com
ELECTRICAL CHARACTERISTICS
(VCC = 4.75V to 5.5V for SGM708-L; VCC = 4.5V to 5.5V for SGM708-M; VCC = 4.07V to 5.5V for SGM708-J; VCC = 3.14V to 5.5V
for SGM708-T; VCC = 2.95V to 5.5V for SGM708-S; VCC = 2.68V to 5.5V for SGM708-R; TA = -40°C to +85°C, unless otherwise
noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage Range (VCC)
1.0
5.5
V
Supply Current (ISUPPLY)
20
60
μA
Reset Threshold (VRT)
SGM708-L
4.5
4.65
4.75
V
SGM708-M
4.25
4.4
4.5
SGM708-J
3.91
4.0
4.07
SGM708-T
3.02
3.08
3.14
SGM708-S
2.85
2.93
2.95
SGM708-R
2.56
2.63
2.68
Reset Threshold Hysteresis
SGM708-T, SGM708-S, SGM708-R
25
mV
SGM708-J
35
SGM708-L, SGM708-M
40
Reset Pulse Width (tRS)
120
200
290
ms
RESET Output Voltage
ISOURCE = 800μA
0.7 × VCC
V
ISINK = 3.2mA
0.4
VCC = 1V, ISINK = 50μA
0.3
RESET Output Voltage
ISOURCE = 800µA
0.7 × VCC
V
ISINK = 1.2mA
0.4
V
MR Pull-Up Current
MR = 0V
100
250
600
μA
MR Pulse Width (tMR)
250
ns
MR Input Threshold
Low
TA = +25
℃
0.8
V
High
2
MR to Reset Out Delay (tMD)
100
350
ns
PFI Input Threshold
VCC = 5V
1.17
1.25
1.3
V
PFI Input Current
0.2
nA
PFO Output Voltage
ISOURCE = 800μA
0.7 × VCC
V
ISINK = 3.2mA
0.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com