Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGM708-RYS8G/TR Datasheet(PDF) 9 Page - SG Micro Corp

Part # SGM708-RYS8G/TR
Description  Low-Cost, Microprocessor Supervisory Circuit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM708-RYS8G/TR Datasheet(HTML) 9 Page - SG Micro Corp

Back Button SGM708-RYS8G/TR Datasheet HTML 5Page - SG Micro Corp SGM708-RYS8G/TR Datasheet HTML 6Page - SG Micro Corp SGM708-RYS8G/TR Datasheet HTML 7Page - SG Micro Corp SGM708-RYS8G/TR Datasheet HTML 8Page - SG Micro Corp SGM708-RYS8G/TR Datasheet HTML 9Page - SG Micro Corp SGM708-RYS8G/TR Datasheet HTML 10Page - SG Micro Corp SGM708-RYS8G/TR Datasheet HTML 11Page - SG Micro Corp SGM708-RYS8G/TR Datasheet HTML 12Page - SG Micro Corp SGM708-RYS8G/TR Datasheet HTML 13Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Low-Cost, Microprocessor
SGM708
Supervisory Circuit
9
DECEMBER 2017
SG Micro Corp
www.sg-micro.com
APPLICATION INFORMATION
Ensuring a Valid RESET Output Down to
VCC = 0V
When VCC falls below 1V, the SGM708 RESET output
no longer sinks current-it becomes an open circuit.
High-impedance CMOS logic inputs can drift to
undetermined voltages if left undriven. If a pull-down
resistor is added to the RESET pin as shown in Figure
1, any stray charge or leakage currents will be drained
to ground, holding RESET low. Resistor value (R1) is
not critical. It should be about 100kΩ, large enough not
to load RESET and small enough to pull RESET to
ground.
R1
SGM708
RESET
Figure 1. RESET Valid to Ground Circuit
Monitoring Voltages Other Than the
Unregulated DC Input
Monitor voltages other than the unregulated DC by
connecting a voltage divider to PFI and adjusting the
ratio appropriately. If required, add hysteresis by
connecting a resistor (with a value approximately 10
times the sum of the two resistors in the potential
divider network) between PFI and PFO . A capacitor
between PFI and GND will reduce the power-fail
circuit’s sensitivity to high-frequency noise on the line
being monitored. RESET can be asserted on other
voltages in addition to the +5V VCC line. Connect PFO
to MR to initiate a RESET pulse when PFI drops
below 1.25V. Figure 2 shows the SGM708 configured
to assert RESET when the +5V supply falls below the
reset threshold, or when the +12V supply falls below
approximately 11V.
VCC
MR
PFO
PFI
RESET
+12V +5V
1MΩ
1%
130kΩ
1%
TO μP
GND
SGM708
Figure 2. Monitoring Both +5V and +12V
Monitoring a Negative Voltage
The power-fail comparator can also monitor a negative
supply rail (Figure 3). When the negative rail is good (a
negative voltage of large magnitude), PFO is low, and
when the negative rail is degraded (a negative voltage
of lesser magnitude), PFO is high. By adding the
resistors and transistor as shown, a high PFO triggers
reset. As long as PFO remains high, the SGM708 will
keep reset asserted (RESET = low, RESET = high).
Note that this circuit’s accuracy depends on the PFI
threshold tolerance, the VCC line, and the resistors.
VCC
MR
PFO
PFI
+5V
GND
SGM708
R1
R2
V-
100k
Ω
100k
Ω
TO
μP
+5V
0V
+5V
0V
V-
VTRIP
0V
MR
PFO
5
– 1.25
R1
1.25 - VTRIP
R2
VTRIP < 0
=
2N3904
RESET
Figure 3. Monitoring a Negative Voltage
Interfacing to μPs with Bidirectional Reset
Pins
μPs with bidirectional reset pins, such as the Motorola
68HC11 series, can contend with the SGM708 RESET
output. If, for example, the RESET output is driven high
and the Microprocessor wants to pull it low,
indeterminate logic levels may result. To correct this,
connect a 4.7kΩ resistor between the RESET output
and the μP reset I/O, as in Figure 4. Buffer the RESET
output to other system components.
VCC
RESET
Microprocessor
GND
SGM708
VCC
RESET
GND
4.7kΩ
BUFFRED RESET TO OTHER SYSTEM COMPONENTS
Figure 4. Interfacing to Microprocessors with
Bidirectional Reset I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com