Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGM708-RYS8G/TR Datasheet(PDF) 11 Page - SG Micro Corp

Part # SGM708-RYS8G/TR
Description  Low-Cost, Microprocessor Supervisory Circuit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM708-RYS8G/TR Datasheet(HTML) 11 Page - SG Micro Corp

Back Button SGM708-RYS8G/TR Datasheet HTML 5Page - SG Micro Corp SGM708-RYS8G/TR Datasheet HTML 6Page - SG Micro Corp SGM708-RYS8G/TR Datasheet HTML 7Page - SG Micro Corp SGM708-RYS8G/TR Datasheet HTML 8Page - SG Micro Corp SGM708-RYS8G/TR Datasheet HTML 9Page - SG Micro Corp SGM708-RYS8G/TR Datasheet HTML 10Page - SG Micro Corp SGM708-RYS8G/TR Datasheet HTML 11Page - SG Micro Corp SGM708-RYS8G/TR Datasheet HTML 12Page - SG Micro Corp SGM708-RYS8G/TR Datasheet HTML 13Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
PACKAGE INFORMATION
TX00010.000
SG Micro Corp
www.sg-micro.com
PACKAGE OUTLINE DIMENSIONS
SOIC-8
Symbol
Dimensions
In Millimeters
Dimensions
In Inches
MIN
MAX
MIN
MAX
A
1.350
1.750
0.053
0.069
A1
0.100
0.250
0.004
0.010
A2
1.350
1.550
0.053
0.061
b
0.330
0.510
0.013
0.020
c
0.170
0.250
0.006
0.010
D
4.700
5.100
0.185
0.200
E
3.800
4.000
0.150
0.157
E1
5.800
6.200
0.228
0.244
e
1.27 BSC
0.050 BSC
L
0.400
1.270
0.016
0.050
θ
0°
8°
0°
8°
D
E
E1
e
b
A
A2
A1
c
L
θ
1.27
0.6
2.2
5.2
RECOMMENDED LAND PATTERN (Unit: mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com